Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0605 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0605
Description  Gravity: Digital RGB LED Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0605 Datasheet(HTML) 2 Page - DFROBOT

  DFR0605 Datasheet HTML 1Page - DFROBOT DFR0605 Datasheet HTML 2Page - DFROBOT DFR0605 Datasheet HTML 3Page - DFROBOT DFR0605 Datasheet HTML 4Page - DFROBOT DFR0605 Datasheet HTML 5Page - DFROBOT DFR0605 Datasheet HTML 6Page - DFROBOT DFR0605 Datasheet HTML 7Page - DFROBOT DFR0605 Datasheet HTML 8Page - DFROBOT DFR0605 Datasheet HTML 9Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
The module adopts the same high-brightness RGB LED in the traditional RGB LED strip,
inheriting its excellent display performance and is fully compatible with the driving
circuit or program. This requires little changes for existing programs to shift from RGB
LED strip to RGB LED module string. Have fun with this tiny RGB LED module by cool
effects of flashing, rainbow, even letters, pictures or animations.
Features
Excellent display performance, quality high-brightness WS2812 REB LED
Extremely long cascading length, low unit length power consumption
High compatibility, compatible with 3.3V/5V controller, RGB LED strip drivers or
programs
Standard connector, easy setup without cutting or soldering
Application
Holiday Decorations
Signal Indicator
Specification
LED Type: WS2812 RGB 5050 LED
Input Voltage: 3.3V~5.5V
Maximum Current: 48mA
Quiescent Current: 0.7mA
Interface: Gravity 3P Digital
Dimension: 30.0mm*22.0mm / 1.18*0.87 in



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com