Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1253 Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS1253
Description  24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1253 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS1253_V01 Datasheet HTML 11Page - Texas Instruments ADS1253_V01 Datasheet HTML 12Page - Texas Instruments ADS1253_V01 Datasheet HTML 13Page - Texas Instruments ADS1253_V01 Datasheet HTML 14Page - Texas Instruments ADS1253_V01 Datasheet HTML 15Page - Texas Instruments ADS1253_V01 Datasheet HTML 16Page - Texas Instruments ADS1253_V01 Datasheet HTML 17Page - Texas Instruments ADS1253_V01 Datasheet HTML 18Page - Texas Instruments ADS1253_V01 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
ADS1253
SBAS199B
15
www.ti.com
is at 0V and which is at 4.096V. The digital-output result,
however, is quite different. The analog-input differential volt-
age is given by the following equation:
+VIN – (–VIN)
A positive digital output is produced whenever the analog-
input differential voltage is positive, whereas a negative
digital output is produced whenever the differential is nega-
tive. For example, a positive full-scale output is produced
when the converter is configured with a 4.096V reference,
and the analog-input differential is 4.096V. The negative full-
scale output is produced when the differential voltage is
–4.096V. In each case, the actual input voltages must remain
within the –0.3V to +VDD range.
Actual Analog-Input Voltage—the voltage at any one ana-
log input relative to GND.
Full-Scale Range (FSR)—as with most A/D converters, the
full-scale range of the ADS1253 is defined as the input that
produces the positive full-scale digital output minus the input
that produces the negative full-scale digital output. For ex-
ample, when the converter is configured with a 4.096V
reference, the differential full-scale range is:
[4.096V (positive full-scale) – (–4.096V) (negative full-scale)] = 8.192V
Least Significant Bit (LSB) Weight—this is the theoretical
amount of voltage that the differential voltage at the analog
input would have to change in order to observe a change in the
output data of one least significant bit. It is computed as follows:
LSB Weight
Full ScaleRange
V
N
REF
N
=
−
=
21
2
21
–
•
–
where N is the number of bits in the digital output.
Conversion Cycle—as used here, a conversion cycle refers
to the time period between DOUT/DRDY pulses.
Effective Resolution (ER)—of the ADS1253 in a particular
configuration can be expressed in two different units:
bits rms (referenced to output) and
µVrms (referenced to
input). Computed directly from the converter’s output data,
each is a statistical calculation based on a given number of
results. Noise occurs randomly; the rms value represents a
statistical measure that is one standard deviation. The ER in
bits can be computed as follows:
ER in bits rms =
20 log
2
•
•


V
Vrms noise
REF
602
.
The 2 • VREF figure in each calculation represents the full-
scale range of the ADS1253. This means that both units are
absolute expressions of resolution—the performance in dif-
ferent configurations can be directly compared, regardless of
the units.
fMOD—frequency of the modulator and the frequency the
input is sampled.
f
CLK Frequency
MOD =
6
fDATA—Data output rate.
f
f
CLK Frequency
DATA
MOD
==
64
384
Noise Reduction—for random noise, the ER can be im-
proved with averaging. The result is the reduction in noise by
the factor
√N, where N is the number of averages, as shown
in Table V. This can be used to achieve true 24-bit perfor-
mance at a lower data rate. To achieve 24 bits of resolution,
more than 24 bits must be accumulated. A 36-bit accumula-
tor is required to achieve an ER of 24 bits. The following uses
VREF = 4.096V, with the ADS1253 outputting data at 20kHz,
a 4096 point average will take 204.8ms. The benefits of
averaging will be degraded if the input signal drifts during that
200ms.
N
NOISE
ER
ER
(Number
REDUCTION
IN
IN
of Averages)
FACTOR
µVrms
BITS rms
1
1
14.6
µV
19.1
2
1.414
10.3
µV
19.6
42
7.3
µV
20.1
8
2.82
5.16
µV
20.6
16
4
3.65
µV
21.1
32
5.66
2.58
µV
21.6
64
8
1.83
µV
22.1
128
11.3
1.29
µV
22.6
256
16
0.91
µV
23.1
512
22.6
0.65
µV
23.6
1024
32
0.46
µV
24.1
2048
45.25
0.32
µV
24.6
4096
64
0.23
µV
25.1
TABLE V. Averaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com