Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1253 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS1253
Description  24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1253 Datasheet(HTML) 2 Page - Texas Instruments

  ADS1253_V01 Datasheet HTML 1Page - Texas Instruments ADS1253_V01 Datasheet HTML 2Page - Texas Instruments ADS1253_V01 Datasheet HTML 3Page - Texas Instruments ADS1253_V01 Datasheet HTML 4Page - Texas Instruments ADS1253_V01 Datasheet HTML 5Page - Texas Instruments ADS1253_V01 Datasheet HTML 6Page - Texas Instruments ADS1253_V01 Datasheet HTML 7Page - Texas Instruments ADS1253_V01 Datasheet HTML 8Page - Texas Instruments ADS1253_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ADS1253
SBAS199B
2
www.ti.com
Analog Input: Current (Momentary) ..............................................
±100mA
(Continuous) ...............................................
±10mA
Voltage ................................... GND – 0.3V to VDD + 0.3V
VDD to GND ............................................................................ –0.3V to 6V
VREF Voltage to GND ............................................... –0.3V to VDD + 0.3V
Digital Input Voltage to GND ................................... –0.3V to VDD + 0.3V
Digital Output Voltage to GND ................................. –0.3V to VDD + 0.3V
Lead Temperature (soldering, 10s) .............................................. +300
°C
Power Dissipation (any package) ................................................. 500mW
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
ANALOG INPUT
Full-Scale Input Voltage
±V
REF
V
Absolute Input Voltage
CHx+ or CHx– to GND
GND – 0.3
VDD + 0.3
V
Input Impedance
CLK = 3840Hz
430
M
Ω
CLK = 1MHz
1.7
M
Ω
CLK = 8MHz
210
k
Ω
Input Capacitance
6pF
Input Leakage
At +25
°C5
50
pA
At TMIN to TMAX
1nA
DYNAMIC CHARACTERISTICS
Data Rate
20.8
kHz
Bandwidth
–3dB
4.24
kHz
Serial Clock (SCLK)
16
MHz
System Clock Input (CLK)
8MHz
ACCURACY
Integral Nonlinearity(1)
±0.0002
±0.0015
% of FSR
THD
1kHz Input; 0.1dB below FS
105
dB
Noise
1.8
2.7
ppm of FSR, rms
Resolution
24
Bits
No Missing Codes
24
Bits
Common-Mode Rejection
60Hz, AC
90
102
dB
Gain Error
0.1
1
% of FSR
Offset Error
±20
±100
ppm of FSR
Gain Sensitivity to VREF
1:1
Power-Supply Rejection Ratio
70
88
dB
PERFORMANCE OVER TEMPERATURE
Offset Drift
0.07
ppm/
°C
Gain Drift
0.4
ppm/
°C
VOLTAGE REFERENCE
VREF
0.5
4.096
VDD
V
Load Current
32
µA
ADS1253E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS
All specifications at TMIN to TMAX, VDD = +5V, CLK = 8MHz, and VREF = 4.096V, unless otherwise specified.
NOTE: (1) Applies to full-differential signals.
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS1253
SSOP-16
DBQ
–40
°C to +85°C
ADS1253E
ADS1253E
Rails, 100
"
"""
"
ADS1253E/2K5
Tape and Reel, 2500
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
# OF INPUTS
MAXIMUM DATA RATE
COMMENTS
ADS1250
1 Differential
25.0kHz
Includes PGA from 1 to 8
ADS1251
1 Differential
26.8kHz
ADS1252
1 Differential
41.7kHz
ADS1253
4 Differential
20.8kHz
ADS1254
4 Differential
20.8kHz
Includes Separate Analog and Digital Supplies
PRODUCT FAMILY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com