Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1253 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS1253
Description  24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1253 Datasheet(HTML) 5 Page - Texas Instruments

  ADS1253_V01 Datasheet HTML 1Page - Texas Instruments ADS1253_V01 Datasheet HTML 2Page - Texas Instruments ADS1253_V01 Datasheet HTML 3Page - Texas Instruments ADS1253_V01 Datasheet HTML 4Page - Texas Instruments ADS1253_V01 Datasheet HTML 5Page - Texas Instruments ADS1253_V01 Datasheet HTML 6Page - Texas Instruments ADS1253_V01 Datasheet HTML 7Page - Texas Instruments ADS1253_V01 Datasheet HTML 8Page - Texas Instruments ADS1253_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ADS1253
SBAS199B
5
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VDD = +5V, CLK = 8MHz, and VREF = 4.096V, unless otherwise specified.
2.0
1.8
1.6
1.4
1.2
1.0
–5
–4
–3
–2
–10
1
2
3
4
5
Input Voltage (V)
RMS NOISE vs INPUT VOLTAGE (V
REF = 5.0V)
5
4
3
2
1
0
INTEGRAL NONLINEARITY vs TEMPERATURE
Temperature (
°C)
–40
–20
0
20
40
60
80
100
570
560
550
540
530
520
510
500
GAIN ERROR vs TEMPERATURE
Temperature (
°C)
–40
–20
0
20
40
60
80
100
0
–20
–40
–60
–80
–100
–120
POWER-SUPPLY REJECTION RATIO
vs CLK FREQUENCY
Clock Frequency (MHz)
0
246
8
OFFSET vs TEMPERATURE
20
18
16
14
12
10
8
6
4
2
0
–40
–20
0
20
40
60
80
100
Temperature (
°C)
5
4
3
2
1
0
INTEGRAL NONLINEARITY vs DATA OUTPUT RATE
Data Output Rate (Hz)
100
1k
10k
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com