Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1253 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS1253
Description  24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1253 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1253_V01 Datasheet HTML 7Page - Texas Instruments ADS1253_V01 Datasheet HTML 8Page - Texas Instruments ADS1253_V01 Datasheet HTML 9Page - Texas Instruments ADS1253_V01 Datasheet HTML 10Page - Texas Instruments ADS1253_V01 Datasheet HTML 11Page - Texas Instruments ADS1253_V01 Datasheet HTML 12Page - Texas Instruments ADS1253_V01 Datasheet HTML 13Page - Texas Instruments ADS1253_V01 Datasheet HTML 14Page - Texas Instruments ADS1253_V01 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ADS1253
SBAS199B
11
www.ti.com
is HIGH prior to the internal transfer of new data to the DOR.
The result of the A/D conversion is written to the DOR from
the Most Significant Bit (MSB) to the Least Significant Bit
(LSB) in the time defined by t1 (see Figures 11 and 13). The
DOUT/DRDY line then pulses LOW for the time defined by
t2, and then drives the line HIGH for the time defined by t3 to
indicate that new data is available to be read. At this point,
the function of the DOUT/DRDY pin changes to DOUT
mode. Data is shifted out on the pin after t7. If the MSB is high
(because of a negative result) the DOUT/DRDY signal will
stay HIGH after the end of time t3. The device communicating
with the ADS1253 can provide SCLKs to the ADS1253 after
the time defined by t6. The normal mode of reading data from
the ADS1253 is for the device reading the ADS1253 to latch
the data on the rising edge of SCLK (because data is shifted
out of the ADS1253 on the falling edge of SCLK). In order to
retrieve valid data, the entire DOR must be read before the
DOUT/DRDY pin reverts back to DRDY mode.
If SCLKs are not provided to the ADS1253 during the DOUT
mode, the MSB of the DOR is present on the DOUT/DRDY
line until the beginning of the time defined by t4. If an
incomplete read of the ADS1253 takes place while in DOUT
mode (that is, fewer than 24 SCLKs were provided), the state
of the last bit read is present on the DOUT/DRDY line until
the beginning of the time defined by t4. If more than 24
SCLKs are provided during DOUT mode, the DOUT/DRDY
line stays LOW until the time defined by t4.
The internal data pointer for shifting data out on DOUT/DRDY
is reset on the falling edge of the time defined by t1 and t4. This
ensures that the first bit of data shifted out of the ADS1253 after
DRDY mode is always the MSB of new data.
SYNCHRONIZING MULTIPLE CONVERTERS
The normal state of SCLK is LOW; however, by holding SCLK
HIGH, multiple ADS1253s can be synchronized. This is accom-
plished by holding SCLK HIGH for at least four, but less than 20,
consecutive DOUT/DRDY cycles (see Figure 13). After the
ADS1253 circuitry detects that SCLK has been held HIGH for
four consecutive DOUT/DRDY cycles, the DOUT/DRDY pin
pulses LOW for one CLK cycle and then is held HIGH, and the
modulator is held in a reset state. The modulator will be
released from reset and synchronization occurs on the falling
edge of SCLK. With multiple converters, the falling edge tran-
sition of SCLK must occur simultaneously on all devices. It is
important to note that prior to synchronization, the DOUT/DRDY
pulse of multiple ADS1253s in the system could have a differ-
ence in timing up to one DRDY period. Therefore, to ensure
synchronization, the SCLK must be held HIGH for at least five
DRDY cycles. The first DOUT/DRDY pulse after the falling
edge of SCLK occurs at t14. The first DOUT/DRDY pulse
indicates valid data.
DIGITAL FILTER RESPONSE
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
56
57
58
59
60
61
62
63
64
65
55
Frequency (Hz)
DIGITAL FILTER RESPONSE
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
56
57
58
59
60
61
62
63
64
65
55
Frequency (Hz)
FIGURE 9. Expanded Digital Filter Response (60Hz with a
60Hz data output rate).
FIGURE 10. Expanded Digital Filter Response (60Hz with a
10Hz data output rate).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com