Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1601IPFBR Datasheet(PDF) 17 Page - Texas Instruments

Part # ADS1601IPFBR
Description  16-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1601IPFBR Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS1601IPFBR Datasheet HTML 13Page - Texas Instruments ADS1601IPFBR Datasheet HTML 14Page - Texas Instruments ADS1601IPFBR Datasheet HTML 15Page - Texas Instruments ADS1601IPFBR Datasheet HTML 16Page - Texas Instruments ADS1601IPFBR Datasheet HTML 17Page - Texas Instruments ADS1601IPFBR Datasheet HTML 18Page - Texas Instruments ADS1601IPFBR Datasheet HTML 19Page - Texas Instruments ADS1601IPFBR Datasheet HTML 20Page - Texas Instruments ADS1601IPFBR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
S
1
ADS1601
S
2
VREFP
50pF
300W
S
1
VREFN
VREFP
VREFN
10 F
m
0.1 F
m
0.1 F
m
10 F
m
0.1 F
m
10 F
m
0.1 F
m
0.1 F
m
ADS1601
AGND
VREFP
VREFP
VMID
VCAP
VREFN
VREFN
ADS1601
www.ti.com
SBAS322D
– DECEMBER 2004 – REVISED OCTOBER 2011
REFERENCE INPUTS (VREFN, VREFP, VMID)
EXTERNAL REFERENCE (REFEN = HIGH)
The ADS1601 can operate from an internal or
To use an external reference, set the REFEN pin
external
voltage
reference.
In
either
case,
the
high. This deactivates the internal generators for
reference voltage VREF is set by the differential
VREFP,
VREFN,
and
VMID,
and
saves
voltage
between
VREFN
and
VREFP:
VREF =
approximately 25mA of current on the analog supply
(VREFP
– VREFN). VREFP and VREFN each use
(AVDD). The voltages applied to these pins must be
two pins, which should be shorted together. VMID
within
the
values
specified
in
the
Electrical
equals approximately 2.5V and is used by the
Characteristics table. Typically, VREFP = 4V, VMID =
modulator. VCAP connects to an internal node and
2.5V, and VREFN = 1V. The external circuitry must
must also be bypassed with an external capacitor.
be capable of providing both a dc and a transient
current. Figure 41 shows a simplified diagram of the
internal circuitry of the reference when the internal
INTERNAL REFERENCE (REFEN = LOW)
reference is disabled. As with the input circuitry,
To use the internal reference, set the REFEN pin low.
switches S1 and S2 open and close as shown by the
This activates the internal circuitry that generates the
timing in Figure 37.
reference voltages. The internal reference voltages
are applied to the pins. Good bypassing of the
reference
pins
is
critical
to
achieve
optimum
performance and is done by placing the bypass
capacitors as close to the pins as possible. Figure 40
shows the recommended bypass capacitor values.
Use high-quality ceramic capacitors for the smaller
values. Avoid loading the internal reference with
external circuitry. If the ADS1601 internal reference is
to be used by other circuitry, buffer the reference
voltages to prevent directly loading the reference
pins.
Figure 41. Conceptual Internal Circuitry for the
Reference When REFEN = High
Figure 42 shows the recommended circuitry for
driving these reference inputs. Keep the resistances
used in the buffer circuits low to prevent excessive
thermal noise from degrading performance. Layout of
these circuits is critical; be sure to follow good
high-speed layout practices. Place the buffers, and
especially the bypass capacitors, as close to the pins
as possible. VCAP is unaffected by the setting on
REFEN and must be bypassed when using the
internal or an external reference.
Figure 40. Reference Bypassing When Using the
Internal Reference
Copyright
© 2004–2011, Texas Instruments Incorporated
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com