Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1601IPFBR Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS1601IPFBR
Description  16-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1601IPFBR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1601IPFBR Datasheet HTML 7Page - Texas Instruments ADS1601IPFBR Datasheet HTML 8Page - Texas Instruments ADS1601IPFBR Datasheet HTML 9Page - Texas Instruments ADS1601IPFBR Datasheet HTML 10Page - Texas Instruments ADS1601IPFBR Datasheet HTML 11Page - Texas Instruments ADS1601IPFBR Datasheet HTML 12Page - Texas Instruments ADS1601IPFBR Datasheet HTML 13Page - Texas Instruments ADS1601IPFBR Datasheet HTML 14Page - Texas Instruments ADS1601IPFBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
10k
100k
1M
InputFrequency, f
(Hz)
IN
V
=
IN
-1dB
V
=
IN
-6dB
V
=
IN
-10dB
100
95
90
85
80
75
70
V
=
IN
1dB
-
V
=
IN
6dB
-
V
=
IN
10dB
-
-80
-90
-100
-110
-120
10k
100k
1M
InputFrequency, f
(Hz)
IN
InputFrequency, f
(Hz)
IN
120
110
100
90
80
10k
100k
1M
V
=
IN
10dB
-
V
=
IN
6dB
-
V
=
IN
1dB
-
InputCommon-ModeVoltage,V
(V)
CM
100
95
90
85
80
75
70
f
=10kHz,V
=
IN
IN
-1dB
f
=100kHz,V
=
IN
IN
-6dB
1.0
1.4
1.8
2.2
2.6
3.0
3.4
f
=100kHz,V
=
IN
IN
-1dB
f
=10kHz,V
=
IN
IN
-6dB
InputCommon-ModeVoltage,V
(V)
CM
1.0
1.4
1.8
2.2
2.6
3.0
3.4
-80
-90
-100
-110
-120
f
=100kHz,V
=
IN
IN
-6dB
f
=10kHz,V
=
IN
IN
-6dB
f
=10kHz,V
=
IN
IN
-1dB
f
=100kHz,V
=
IN
IN
-1dB
InputCommon-ModeVoltage,V
(V
CM
)
f
=100kHz,V
=
IN
IN
-6dB
f
=100kHz,V
=
IN
IN
-1dB
1.0
1.4
1.8
2.2
2.6
3.0
3.4
f
=10kHz,V
=
IN
IN
-6dB
120
110
100
90
80
f
=10kHz,V
=
IN
IN
-1dB
ADS1601
www.ti.com
SBAS322D
– DECEMBER 2004 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 20MHz, VREF = +3V, VCM = +2.7V, and
RBIAS = 60kΩ, unless otherwise noted.
SIGNAL-TO-NOISE RATIO
TOTAL HARMONIC DISTORTION
vs INPUT FREQUENCY
vs INPUT FREQUENCY
Figure 15.
Figure 16.
SPURIOUS-FREE DYNAMIC RANGE
SIGNAL-TO-NOISE RATIO
vs INPUT FREQUENCY
vs INPUT COMMON-MODE VOLTAGE
Figure 17.
Figure 18.
TOTAL HARMONIC DISTORTION
SPURIOUS-FREE DYNAMIC RANGE
vs INPUT COMMON-MODE VOLTAGE
vs INPUT COMMON-MODE VOLTAGE
Figure 19.
Figure 20.
Copyright
© 2004–2011, Texas Instruments Incorporated
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com