Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1601IPFBR Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS1601IPFBR
Description  16-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1601IPFBR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1601IPFBR Datasheet HTML 5Page - Texas Instruments ADS1601IPFBR Datasheet HTML 6Page - Texas Instruments ADS1601IPFBR Datasheet HTML 7Page - Texas Instruments ADS1601IPFBR Datasheet HTML 8Page - Texas Instruments ADS1601IPFBR Datasheet HTML 9Page - Texas Instruments ADS1601IPFBR Datasheet HTML 10Page - Texas Instruments ADS1601IPFBR Datasheet HTML 11Page - Texas Instruments ADS1601IPFBR Datasheet HTML 12Page - Texas Instruments ADS1601IPFBR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
0
-20
-40
-60
-80
-100
-120
-140
-160
f
=10kHz, 1dBFS
IN
-
SNR=92dB
THD= 91dB
-
SFDR=92dB
0
100
200
300
Frequency(kHz)
400
500
600
0
-20
-40
-60
-80
-100
-120
-140
-160
0
100
200
300
Frequency(kHz)
400
500
600
f
=10kHz, 6dBFS
IN
-
SNR=87dB
THD= 108dB
-
SFDR=111dB
0
-20
-40
-60
-80
-100
-120
-140
-160
0
100
200
300
Frequency(kHz)
400
500
600
f
=10kHz, 10dBFS
IN
-
SNR=83dB
THD= 106dB
-
SFDR=111dB
0
-20
-40
-60
-80
-100
-120
-140
-160
0
100
200
300
Frequency(kHz)
400
500
600
f
=100kHz, 1dBFS
IN
-
SNR=92dB
THD= 88dB
-
SFDR=88dB
0
-20
-40
-60
-80
-100
-120
-140
-160
0
100
200
300
Frequency(kHz)
400
500
600
f
=100kHz, 6dBFS
IN
-
SNR=87dB
THD= 103dB
-
SFDR=105dB
0
-20
-40
-60
-80
-100
-120
-140
-160
0
100
200
300
Frequency(kHz)
400
500
600
f
=100kHz, 10dBFS
IN
-
SNR=83dB
THD= 103dB
-
SFDR=105dB
ADS1601
www.ti.com
SBAS322D
– DECEMBER 2004 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS
All specifications at TA = +25°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 20MHz, VREF = +3V, VCM = +2.7V, and
RBIAS = 60kΩ, unless otherwise noted.
SPECTRAL RESPONSE
SPECTRAL RESPONSE
Figure 3.
Figure 4.
SPECTRAL RESPONSE
SPECTRAL RESPONSE
Figure 5.
Figure 6.
SPECTRAL RESPONSE
SPECTRAL RESPONSE
Figure 7.
Figure 8.
Copyright
© 2004–2011, Texas Instruments Incorporated
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com