Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1601IPFBR Datasheet(PDF) 19 Page - Texas Instruments

Part # ADS1601IPFBR
Description  16-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1601IPFBR Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS1601IPFBR Datasheet HTML 15Page - Texas Instruments ADS1601IPFBR Datasheet HTML 16Page - Texas Instruments ADS1601IPFBR Datasheet HTML 17Page - Texas Instruments ADS1601IPFBR Datasheet HTML 18Page - Texas Instruments ADS1601IPFBR Datasheet HTML 19Page - Texas Instruments ADS1601IPFBR Datasheet HTML 20Page - Texas Instruments ADS1601IPFBR Datasheet HTML 21Page - Texas Instruments ADS1601IPFBR Datasheet HTML 22Page - Texas Instruments ADS1601IPFBR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
1.2
1.0
0.8
0.6
0.4
0.2
0
-
0.2
0
10
20
30
40
Time(ConversionCycles)
50
20
0
-
20
-
40
-
60
-
80
-
100
-
120
-
140
0
1
2
3
5
4
6
7
8
9
Frequency(MHz)
10
f
=
CLK
20MHz
SYNC
ADS1601
1
CLK
FSO
DOUT
FSO
1
DOUT
1
SYNC
CLK
SYNC
ADS1601
2
CLK
FSO
DOUT
CLK
SYNC
FSO
1
FSO
2
t
STL
FSO
2
DOUT
2
ADS1601
www.ti.com
SBAS322D
– DECEMBER 2004 – REVISED OCTOBER 2011
DATA RETRIEVAL
STEP RESPONSE
Data retrieval is controlled through a simple serial
Figure 44 plots the normalized step response for an
interface. The interface operates in a master fashion
input applied at t = 0. The x-axis units of time are
by outputting both a frame sync indicator (FSO) and a
conversions cycles. It takes 51 cycles to fully settle;
serial clock (SCLK). Complementary outputs are
for fCLK = 20MHz, this corresponds to 40.8μs.
provided for the frame sync output (FSO), serial clock
(SCLK), and data output (DOUT). When not needed,
leave the complementary outputs unconnected.
INITIALIZING THE ADS1601
After the power supplies have stabilized, you must
initialize the ADS1601 by issuing a SYNC pulse as
shown in Figure 1. This operation needs only to be
done once after power-up and does not need to be
performed when exiting the Power-Down mode. Note
that the ADS1601 silicon was revised in June 2006.
The
digital
interface
timing
specifications
were
modified slightly from the previous revision. This data
sheet reflects behavior of the latest revision. Contact
the factory for more information on the previous
revision.
Figure 44. Step Response
SYNCHRONIZING MULTIPLE ADS1601s
The SYNC input can be used to synchronize multiple
FREQUENCY RESPONSE
ADS1601s to provide simultaneous sampling. All
devices to be synchronized must use a common CLK
The linear phase FIR digital filter sets the overall
input. With the CLK inputs running, pulse SYNC on
frequency response. Figure 45 shows the frequency
the falling edge of CLK, as shown in Figure 43.
response from dc to 10MHz for fCLK = 20MHz. The
Afterwards,
the
converters
will
be
converting
frequency response of the ADS1601 filter scales
synchronously
with
the
FSO
outputs
updating
directly with CLK frequency. For example, if the CLK
simultaneously. After synchronization, FSO is held
frequency is decreased by half (to 10MHz), the
low until the digital filter has fully settled.
values on the X-axis in Figure 45 would need to be
scaled by half, with the span becoming dc to 5MHz.
Figure 46 shows the passband ripple from dc to
600kHz (fCLK = 20MHz). Figure 47 shows a closer
view of the passband transition by plotting the
response from 400kHz to 650kHz (fCLK = 20MHz).
Figure 45. Frequency Response
Figure 43. Synchronizing Multiple Converters
Copyright
© 2004–2011, Texas Instruments Incorporated
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com