Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2023AFLAEX Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI2DPX2023AFLAEX
Description  1.8V 20Gbps DP 2.1 Linear ReDriver with AUX Listener & Pin Strap Control
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2023AFLAEX Datasheet(HTML) 1 Page - Diodes Incorporated

  PI2DPX2023AFLAEX Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
August 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI2DPX2023A
Document Number DS46347 Rev 2-2
www.diodes.com
1.8V 20Gbps DP 2.1 Linear ReDriver with AUX Listener & Pin Strap Control
Orderable Part Number Package Code Package Description
PI2DPX2023AFLAEX
FLA
32-Pin, W-LGA4528-32
Notes:
• E = Pb-free and Green
•
A Product Line of
Diodes Incorporated
PI2DPX2023A
b
P
Lead-free Green
Ordering Information
Features
4-to-4 Linear ReDriver Channel Configuration with CTLE
Gain Compensation Up to 9.6dB @20Gbps
Supports 4-Lane DP2.1 (UHBR20/UHBR13/UHBR10)/
HBR3/HBR2/HBR/RBR
Ultra Low Latency (<300ps) for Better Interoperability and
Data Throughput
4 Level Controls on CTLE Gain (2.8 to 9.6dB), Flat Gain (-4
to +2dB)
Integrated AUX Channel Listener for D3 Power Saving Mode
Low Active Current Consumption
4-lane DP: 160mA (typical)
Supports DisplayPort Dual Mode
Single Power Supply: 1.8V +/-5%
Industrial Temperature Support: –40oC to +85oC
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Packaging (Pb-free & Green):
Tiny 32-pin, WLGA (FLA) 2.85 x 4.5 mm (0.4 mm pitch,
0.7mm max height)
Application(s)
Graphics Add-In Cards
Laptop, Desktop and AIO PCs
Workstations and Servers
Docking Stations
Display Monitors
Gaming Consoles
Active Cables
Description
The PI2DPX2023A is a 20Gbps DP2.1 linear ReDriver™ in a
4-to-4 configuration operated by a 1.8V power supply. The
device supports UHBR20 (20Gbps), UHBR13.5 (13.5Gbps),
UHBR10 (10Gbps), HBR3 (8.1Gbps), HBR2 (5.4Gbps), HBR
(2.7Gbps) and RBR (1.62Gbps) under various DisplayPort
speeds. With the on-chip AUX channel listener, the device
can automatically monitor the system operation status to en-
ter D3 power saving mode.
The non-blocking linear ReDriver design ensures that the dif-
ferential signals conveying pre-shoot and de-emphasis equal-
ization waveforms from the transmitter side to the receiver side
help optimize the overall channel link adjustment conducted
by the system transmitter and receiver that has been equipped
with DFE. The CTLE equalizers are implemented at the inputs
of the ReDriver to compensate the channel loss and reduce the
ISI jitters. The flat gain adjustments support the eye diagram
opening. The CTLE EQ gains and flat gains are tuned via pin
strap control.
Notes:
1.


Similar Part No. - PI2DPX2023AFLAEX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DPX2023A DIODES-PI2DPX2023A Datasheet
326Kb / 2P
1.8V 13.5Gbps DP 2.1 UHBR13.5/eDP 1.5 Linear ReDriver with AUX Listener For High-Resolution Video Connectivity
January 2025
More results

Similar Description - PI2DPX2023AFLAEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3EQXDP1201 PERICOM-PI3EQXDP1201 Datasheet
1Mb / 16P
3.3V, 4-Ch DisplayPort 1.2 Redriver with Aux Listener/AutoTest mode
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
logo
Diodes Incorporated
PI3DPX1207B DIODES-PI3DPX1207B Datasheet
672Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and built-in Aux Switch
PI3DPX1207C DIODES-PI3DPX1207C Datasheet
838Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and Built-in Aux Switch
PI2DPX2020 DIODES-PI2DPX2020 Datasheet
1Mb / 39P
1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
Rev 5 - 2 July 2022
PI2DPX2023 DIODES-PI2DPX2023 Datasheet
1Mb / 23P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
Rev 4 - 2 July 2022
PI2DPX2063 DIODES-PI2DPX2063 Datasheet
1Mb / 36P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
Rev 2 - 2 July 2022
logo
Texas Instruments
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com