Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5510IPAP Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS5510IPAP
Description  11-Bit, 125-MSPS Analog-To-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5510IPAP Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS5510IPAP Datasheet HTML 10Page - Texas Instruments ADS5510IPAP Datasheet HTML 11Page - Texas Instruments ADS5510IPAP Datasheet HTML 12Page - Texas Instruments ADS5510IPAP Datasheet HTML 13Page - Texas Instruments ADS5510IPAP Datasheet HTML 14Page - Texas Instruments ADS5510IPAP Datasheet HTML 15Page - Texas Instruments ADS5510IPAP Datasheet HTML 16Page - Texas Instruments ADS5510IPAP Datasheet HTML 17Page - Texas Instruments ADS5510IPAP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
0
60
10
40
30
20
50
SFDR=83.8dBc,
SNR=66.87dBFS,
SINAD=66.67dBFS
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
0
SFDR=80.21dBc,
SNR=66.84dBFS,
SINAD=66.47dBFS
60
10
40
30
20
50
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
0
SFDR=80.98dBc,
SNR=66.76dBFS,
SINAD=66.46dBFS
60
10
40
30
20
50
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
0
SFDR=80.8dBc,
SNR=67.47dBFS,
SINAD=66.16dBFS
60
10
40
30
20
50
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
0
SFDR=78.62dBc,
SNR=66.15dBFS,
SINAD=65.58dBFS
60
10
40
30
20
50
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
0
SFDR=69.93dBc,
SNR=65.58dBFS,
SINAD=63.41dBFS
60
10
40
30
20
50
ADS5510
SLAS499 – JANUARY 2007
Typical values given at T
A = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = -1 dBFS, sampling rate = 125 MSPS,
DLL On, and 3-V differential clock, unless otherwise noted
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(FFT for 20 MHZ input signal)
(FFT for 40 MHZ input signal)
Figure 5.
Figure 6.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(FFT for 70 MHZ input signal)
(FFT for 100 MHZ input signal)
Figure 7.
Figure 8.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(FFT for 150 MHZ input signal)
(FFT for 170 MHZ input signal)
Figure 9.
Figure 10.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com