Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5510IPAP Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS5510IPAP
Description  11-Bit, 125-MSPS Analog-To-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5510IPAP Datasheet(HTML) 3 Page - Texas Instruments

  ADS5510IPAP Datasheet HTML 1Page - Texas Instruments ADS5510IPAP Datasheet HTML 2Page - Texas Instruments ADS5510IPAP Datasheet HTML 3Page - Texas Instruments ADS5510IPAP Datasheet HTML 4Page - Texas Instruments ADS5510IPAP Datasheet HTML 5Page - Texas Instruments ADS5510IPAP Datasheet HTML 6Page - Texas Instruments ADS5510IPAP Datasheet HTML 7Page - Texas Instruments ADS5510IPAP Datasheet HTML 8Page - Texas Instruments ADS5510IPAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS5510
SLAS499 – JANUARY 2007
Typical values given at T
A = 25°C, min and max specified over the full recommended operating temperature range, AVDD =
DRV
DD = 3.3 V, sampling rate = 125 MSPS, 50% clock duty cycle, DLL On, 3-VPP differential clock, and –1 dBFS differential
input, unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
11
bits
Analog Inputs
Differential input range
2.3
VPP
Differential input impedance
See Figure 24
6.6
k
Ω
Differential input capacitance
See Figure 24
4
pF
Analog input common-mode current
300
µA
(per input)
Analog input bandwidth
Source impedance = 50
Ω
750
MHz
Clock
Voltage overload recovery time
4
cycles
Internal Reference Voltages
V(REFM)
Reference bottom voltage
0.95
V
V(REFP)
Reference top voltage
2.1
V
Reference error
–4%
±0.9%
4%
1.55
VCM
Common-mode voltage output
V
±0.05
Dynamic DC Characteristics and Accuracy
No missing codes
Tested
DNL
Differential nonlinearity error
fIN = 10 MHz
-0.5
±0.25
0.5
LSB
INL
Integral nonlinearity error
fIN = 10 MHz
-1.5
±0.8
1.5
LSB
Offset error
-11
+2.5
+11
mV
Offset temperature coefficient
0.01
mV/
°C
∆offset error/∆AV
DD from AVDD = 3 V to
PSRR
DC power-supply rejection ratio
0.25
mV/V
AVDD = 3.6 V
Gain error (1)
-2
±0.45
+2
%FS
Gain temperature coefficient
0.01
∆%/°C
Dynamic AC Characteristics
fIN = 10 MHz
62.5
66.7
fIN = 70 MHz
66.5
SNR
Signal-to-noise ratio
fIN = 100 MHz
66.3
dBFS
fIN = 130 MHz
66
fIN = 170 MHz
65.5
fIN = 10 MHz
73
84
fIN = 70 MHz
81
SFDR
Spurious-free dynamic range
fIN = 100 MHz
82
dBc
fIN = 130 MHz
78
fIN = 170 MHz
72
fIN = 10 MHz
73
91
fIN = 70 MHz
87
HD2
Second-harmonic
fIN = 100 MHz
84
dBc
fIN = 130 MHz
79
fIN = 170 MHz
74
(1)
Gain error is specified by design and characterization; it is not tested in production.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com