Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5510IPAP Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS5510IPAP
Description  11-Bit, 125-MSPS Analog-To-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5510IPAP Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5510IPAP Datasheet HTML 2Page - Texas Instruments ADS5510IPAP Datasheet HTML 3Page - Texas Instruments ADS5510IPAP Datasheet HTML 4Page - Texas Instruments ADS5510IPAP Datasheet HTML 5Page - Texas Instruments ADS5510IPAP Datasheet HTML 6Page - Texas Instruments ADS5510IPAP Datasheet HTML 7Page - Texas Instruments ADS5510IPAP Datasheet HTML 8Page - Texas Instruments ADS5510IPAP Datasheet HTML 9Page - Texas Instruments ADS5510IPAP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
www.ti.com
TIMING CHARACTERISTICS
(1) (2)
ADS5510
SLAS499 – JANUARY 2007
Typical values given at T
A = 25°C, min and max specified over the full recommended operating temperature range, AVDD =
DRV
DD = 3.3 V, sampling rate = 125 MSPS, 50% clock duty cycle, 3-VPP differential clock, and CLOAD = 10 pF, unless
otherwise noted
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Switching Specification
tA
Aperture delay
Input CLK falling edge to data sampling point
1
ns
Aperture jitter (uncertainty)
Uncertainty in sampling instant
300
fs
tSETUP
Data setup time
Data valid(3) to 50% of CLKOUT rising edge
2.3
2.7
ns
50% of CLKOUT rising edge to data becoming
1.7
2
ns
tHOLD
Data hold time
invalid(3)
Input clock to output data
tSTART
Input clock rising edge to data valid start delay
2
2.6
ns
valid start (4)(5)
Input clock to output data
tEND
Input clock rising edge to data valid end delay
5.8
6.9
ns
valid end (4)(5)
tJIT
Output clock jitter
Uncertainty in CLKOUT rising edge, peak-to-peak
150
210
psPP
tr
Output clock rise time
Rise time of CLKOUT from 20% to 80% of DRVDD
1.7
1.9
ns
tf
Output clock fall time
Fall time of CLKOUT from 80% to 20% of DRVDD
1.5
1.7
ns
tPDI
Input clock to output clock
Input clock rising edge, zero crossing, to output
4.2
4.8
5.5
ns
delay
clock rising edge 50%
tr
Data rise time
Data rise time measured from 20% to 80% of
3.6
4.6
ns
DRVDD
tf
Data fall time
Data fall time measured from 80% to 20% of
2.8
3.7
ns
DRVDD
Output enable(OE) to data
Time required for outputs to have stable timings
1000
Clock
output delay
with regard to input clock(6) after OE is activated
cycles
Time to valid data after coming out of software
1000
power down
Clock
Wakeup time
cycles
Time to valid data after stopping and restarting the
1000
clock
Clock
Latency
Time for a sample to propagate to the ADC outputs
17.5
cycles
(1)
Timing parameters are ensured by design and characterization, and not tested in production.
(2)
See Table 5 through Table 8 in the Application Information section for timing information at additional sampling frequencies.
(3)
Data valid refers to 2 V for LOGIC HIGH and 0.8 V for LOGIC LOW.
(4)
See the Output Information section for details on using the input clock for data capture.
(5)
These specifications apply when the CLKOUT polarity is set to rising edge (according to Table 2). Add 1/2 clock period for the valid
number for a falling edge CLKOUT polarity.
(6)
Data outputs are available within a clock from assertion of OE; however, it takes 1000 clock cycles to ensure stable timing with respect
to input clock.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com