Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5510IPAP Datasheet(PDF) 25 Page - Texas Instruments

Part # ADS5510IPAP
Description  11-Bit, 125-MSPS Analog-To-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5510IPAP Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS5510IPAP Datasheet HTML 21Page - Texas Instruments ADS5510IPAP Datasheet HTML 22Page - Texas Instruments ADS5510IPAP Datasheet HTML 23Page - Texas Instruments ADS5510IPAP Datasheet HTML 24Page - Texas Instruments ADS5510IPAP Datasheet HTML 25Page - Texas Instruments ADS5510IPAP Datasheet HTML 26Page - Texas Instruments ADS5510IPAP Datasheet HTML 27Page - Texas Instruments ADS5510IPAP Datasheet HTML 28Page - Texas Instruments ADS5510IPAP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
www.ti.com
SERIAL PROGRAMMING INTERFACE
ADS5510
SLAS499 – JANUARY 2007
Table 8. Timing Characteristics at Additional Sampling Frequencies (DLL OFF)
CLKOUT Jitter,
CLKOUT, Rise Time
CLKOUT, Fall Time
Input-to-Output Clock Delay
Peak-to-Peak
fS
tr (ns)
tf (ns)
tPDI (ns)
tJIT (ps)
(MSPS)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
80
2.5
2.8
2.1
2.3
210
315
7.1
8
8.9
65
3.1
3.5
2.6
2.9
260
380
7.8
8.5
9.4
40
4.8
5.3
4
4.4
445
650
9.5
10.4
11.4
20
8.3
9.5
7.6
8.2
800
1200
13
15.5
18
10
16
20.7
25.5
2
31
52
36
65
2610
4400
537
551
567
The ADS5510 has internal registers for the programming of some of the modes described in the previous
sections. The registers should be reset after power-up by applying a 2
µs (minimum) high pulse on RESET (pin
35); this also resets the entire ADC and sets the data outputs to low. This pin has a 200-k
Ω internal pullup
resistor to AVDD. The programming is done through a three-wire interface. The timing diagram and serial
register setting in the Serial Programing Interface section describe the programming of this register.
Table 2 shows the different modes and the bit values to be written to the register to enable them.
Note that some of these modes may modify the standard operation of the device and possibly vary the
performance with respect to the typical data shown in this data sheet.
Applying a RESET signal is must to set the internal registers to their default states for normal operation. If the
hardware RESET function is not used in the system, the RESET pin must be tied to ground and it is necessary
to write the default values to the internal registers through the serial programming interface. The registers must
be written in the following order.
Write 9000h (Address 9, Data 000)
Write A000h (Address A, Data 000)
Write B000h (Address B, Data 000)
Write C000h (Address C, Data 000)
Write D000h (Address D, Data 000)
Write E000h (Address E, Data 804)
Write 0000h (Address 0, Data 000)
Write 1000h (Address 1, Data 000)
Write F000h (Address F, Data 000)
NOTE:
This procedure is only required if a RESET pulse is not provided to the device.
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com