Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5510IPAPR Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS5510IPAPR
Description  11-Bit, 125-MSPS Analog-To-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5510IPAPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS5510IPAPR Datasheet HTML 11Page - Texas Instruments ADS5510IPAPR Datasheet HTML 12Page - Texas Instruments ADS5510IPAPR Datasheet HTML 13Page - Texas Instruments ADS5510IPAPR Datasheet HTML 14Page - Texas Instruments ADS5510IPAPR Datasheet HTML 15Page - Texas Instruments ADS5510IPAPR Datasheet HTML 16Page - Texas Instruments ADS5510IPAPR Datasheet HTML 17Page - Texas Instruments ADS5510IPAPR Datasheet HTML 18Page - Texas Instruments ADS5510IPAPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
www.ti.com
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
0
60
10
40
30
20
50
f
=50.1MHz,-7dBFS,
f
2-ToneIMD,-85
IN1
IN2 =46.1MHz,-7dBFS,
SFDR=-90dBFS,
dBFS
62
f
InputFrequency
MHz
IN -
-
86
82
78
74
70
66
0
50
230
150
100
90
200
AV
SupplyVoltage
V
DD -
-
83
89
86
77
67
3.6
3.3
3.2
3.1
3
3.5
3.4
74
66
SFDR
SNR
80
70
65
68
69
F
=70MHz
DRV
=3.3V
IN
DD
f
− InputFrequency − MHz
IN
62
70
74
0
50
100
150
230
78
66
58
200
71
74
77
80
83
86
66
67
65
68
69
70
SNR
SFDR
T − Free-AirT
A
emperature − C
o
−40
10
35
85
50
−15
f
=70MHz
IN
DRV
− SupplyV
DD
oltage − V
74
77
80
83
86
89
3.0
3.1
3.2
3.3
3.4
3.5
3.6
66
67
65
68
69
70
SNR
SFDR
f
=70MHz
AV
IN
DD =3.3V
ADS5510
SLAS499 – JANUARY 2007
TYPICAL CHARACTERISTICS (continued)
Typical values given at T
A = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = -1 dBFS, sampling rate = 125 MSPS,
DLL On, and 3-V differential clock, unless otherwise noted
SPURIOUS FREE DYNAMIC RANGE
vs
TWO-TONE INTERMODULATION
INPUT FREQUENCY
Figure 11.
Figure 12.
SIGNAL-TO-NOISE RATIO
AC PERFORMANCE
vs
vs
INPUT FREQUENCY
ANALOG SUPPLY VOLTAGE
Figure 13.
Figure 14.
AC PERFORMANCE
AC PERFORMANCE
vs
vs
DIGITAL SUPPLY VOLTAGE
TEMPERATURE
Figure 15.
Figure 16.
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com