Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5510IPAPR Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS5510IPAPR
Description  11-Bit, 125-MSPS Analog-To-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5510IPAPR Datasheet(HTML) 2 Page - Texas Instruments

  ADS5510IPAPR Datasheet HTML 1Page - Texas Instruments ADS5510IPAPR Datasheet HTML 2Page - Texas Instruments ADS5510IPAPR Datasheet HTML 3Page - Texas Instruments ADS5510IPAPR Datasheet HTML 4Page - Texas Instruments ADS5510IPAPR Datasheet HTML 5Page - Texas Instruments ADS5510IPAPR Datasheet HTML 6Page - Texas Instruments ADS5510IPAPR Datasheet HTML 7Page - Texas Instruments ADS5510IPAPR Datasheet HTML 8Page - Texas Instruments ADS5510IPAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ADS5510
SLAS499 – JANUARY 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
TEMPERATURE
DESIGNATOR
MARKING
NUMBER
MEDIA, QUANTITY
RANGE
ADS5510IPAP
Tray, 160
HTQFP-64(2)
ADS5510
PAP
–40
°C to 85°C
ADS5510I
PowerPAD
ADS5510IPAPR
Tape and Reel, 1000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
Thermal pad size: 3,5 mm x 3,5 mm (min), 4 mm x 4 mm (max).
θ
JA = 21.47°C/W and θJC = 2.99°C/W, when used with 2 oz. copper
trace and pad soldered directly to a JEDEC standard, four-layer, 3 in x 3 in PCB.
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
AVDD to AGND, DRVDD to DRGND
–0.3 to 3.7
V
VSS
Supply Voltage
AGND to DRGND
±0.1
V
Analog input to AGND(2)(3)
–0.3 to minimum (AVDD + 0.3, 3.6)
V
Logic input to DRGND
–0.3 to DRVDD
V
Digital data output to DRGND
–0.3 to DRVDD
V
Operating temperature range
–40 to 85
°C
TJ
Junction temperature
105
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
If the input signal can exceed 3.6 V, then a resistor greater than or equal to 25
Ω should be added in series with each of the analog
input pins to support input voltages up to 3.8 V. For input voltages above 3.8 V, the device can only handle transients and the duty cycle
of the overshoot should be limited to less than 5% for inputs up to 3.9 V.
(3)
The overshoot duty cycle can be defined as the ratio of the total time of overshoot to the total intended device lifetime, expressed as a
percentage. The total time of overshoot is the integrated time of all overshoot occurrences over the lifetime of the device.
PARAMETER
MIN
TYP
MAX
UNIT
Supplies
AVDD
Analog supply voltage
3
3.3
3.6
V
DRVDD
Output driver supply voltage
3
3.3
3.6
V
Analog input
Differential input range
2.3
VPP
VCM
Input common-mode voltage(1)
1.45
1.55
1.65
V
Digital Output
Maximum output load
10
pF
Clock Input
DLL ON
60
125
ADCLK input sample rate (sine wave) 1/tC
MSPS
DLL OFF
2
80
Clock amplitude, sine wave, differential
1
3
VPP
Clock duty cycle
50%
TA
Open free-air temperature range
–40
85
°C
(1)
Input common-mode should be connected to CM.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com