Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5510IPAPR Datasheet(PDF) 16 Page - Texas Instruments

Part # ADS5510IPAPR
Description  11-Bit, 125-MSPS Analog-To-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5510IPAPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5510IPAPR Datasheet HTML 12Page - Texas Instruments ADS5510IPAPR Datasheet HTML 13Page - Texas Instruments ADS5510IPAPR Datasheet HTML 14Page - Texas Instruments ADS5510IPAPR Datasheet HTML 15Page - Texas Instruments ADS5510IPAPR Datasheet HTML 16Page - Texas Instruments ADS5510IPAPR Datasheet HTML 17Page - Texas Instruments ADS5510IPAPR Datasheet HTML 18Page - Texas Instruments ADS5510IPAPR Datasheet HTML 19Page - Texas Instruments ADS5510IPAPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
www.ti.com
60
64
68
72
76
80
Clock Amplitude-VPP
65
66
67
68
69
70
0.6
0.2
0
0.8
0.4
1.2
1.6
1
1.4
f
=70MHz
IN
SNR
SFDR
Input Amplitude − dBFS
25
35
45
55
65
75
85
95
105
−50
−40
−30
−20
−10
0
63
64
62
65
66
71
68
69
70
SFDR(dBFS)
SNR(dBFS)
SFDR(dBc)
f
=70MHz
IN
InputClockDutyCycle − %
64
68
72
76
80
84
35
40
45
50
55
60
64
68
60
72
76
80
SFDR
f
=10MHz
IN
SNR
65
OutputCode
0
10
30
40
50
70
80
90
100
60
20
0.1
SamplingFrequency
MSPS
-
0.9
0.8
0.7
0.5
0.4
0.3
40
50
130
100
80
1
120
0.6
0.2
10
20 30
60
70
90
110
f
=70MHz
IN
ADS5510
SLAS499 – JANUARY 2007
TYPICAL CHARACTERISTICS (continued)
Typical values given at T
A = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = -1 dBFS, sampling rate = 125 MSPS,
DLL On, and 3-V differential clock, unless otherwise noted
AC PERFORMANCE
AC PERFORMANCE
vs
vs
INPUT AMPLITUDE
CLOCK AMPLITUDE
Figure 17.
Figure 18.
AC PERFORMANCE
OUTPUT NOISE
vs
vs
CLOCK DUTY CYCLE
HISTOGRAM
Figure 19.
Figure 20.
POWER DISSIPATION
vs
SAMPLE RATE
Figure 21.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com