Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5510IPAPR Datasheet(PDF) 17 Page - Texas Instruments

Part # ADS5510IPAPR
Description  11-Bit, 125-MSPS Analog-To-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5510IPAPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5510IPAPR Datasheet HTML 13Page - Texas Instruments ADS5510IPAPR Datasheet HTML 14Page - Texas Instruments ADS5510IPAPR Datasheet HTML 15Page - Texas Instruments ADS5510IPAPR Datasheet HTML 16Page - Texas Instruments ADS5510IPAPR Datasheet HTML 17Page - Texas Instruments ADS5510IPAPR Datasheet HTML 18Page - Texas Instruments ADS5510IPAPR Datasheet HTML 19Page - Texas Instruments ADS5510IPAPR Datasheet HTML 20Page - Texas Instruments ADS5510IPAPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (continued)
SFDR-dBc
f
-InputFrequency-MHz
IN
20
60
100
140
160
180
200
40
60
70
110
125
50
72
76
78
80
86
88
90
82
100
120
80
90
120
210
80
40
74
84
f
-InputFrequency-MHz
IN
20
60
100
140
160
180
200
40
60
70
110
125
50
64.5
65.5
66.5
67
SNR-dBFS
66
100
120
80
90
120
210
80
40
65
ADS5510
SLAS499 – JANUARY 2007
Typical values given at T
A = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = -1 dBFS, and 3-V differential clock,
unless otherwise noted
DLL ON for FS > 80 MSPS
DLL OFF for FS
≤ 80 MSPS
Figure 22. SFDR Contour in dBc
Figure 23. SNR Contour in dBFS
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com