Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC64TAPNF-G-AMERE2 Datasheet(PDF) 3 Page - RAMXEED LIMITED

Part # MB85RC64TAPNF-G-AMERE2
Description  64 K (8 K x 8) Bit I2C
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64TAPNF-G-AMERE2 Datasheet(HTML) 3 Page - RAMXEED LIMITED

  MB85RC64TAPNF-G-AMERE2 Datasheet HTML 1Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 2Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 3Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 4Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 5Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 6Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 7Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 8Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
MB85RC64TA
DS501-00044-5v1-E
3
BLOCK DIAGRAM
I2C (Inter-Integrated Circuit)
The MB85RC64TA has the two-wire serial interface; the I2C bus, and operates as a slave device.
The I2C bus defines communication roles of “master” and “slave” devices, with the master side holding the
authority to initiate control. Furthermore, an I2C bus connection is possible where a single master device is
connected to multiple slave devices in a party-line configuration. In this case, it is necessary to assign a
unique device address to the slave device, the master side starts communication after specifying the slave
to communicate by addresses.
I2C Interface System Configuration Example
WP
A0, A1, A2
SDA
SCL
FeRAM Array
8,192  8
Serial/Parallel Converter
Column Decoder/Sense Amp/
Write Amp
SCL
SDA
A2
A1
A0
000
A2
A1
A0
001
A2
A1
A0
010
...
I2C Bus
Master
I2C Bus
MB85RC64TA
I2C Bus
MB85RC64TA
I2C Bus
MB85RC64TA
Pull-up
Resistors
Device address
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com