Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC64TAPNF-G-AMERE2 Datasheet(PDF) 19 Page - RAMXEED LIMITED

Part # MB85RC64TAPNF-G-AMERE2
Description  64 K (8 K x 8) Bit I2C
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64TAPNF-G-AMERE2 Datasheet(HTML) 19 Page - RAMXEED LIMITED

Back Button MB85RC64TAPNF-G-AMERE2 Datasheet HTML 15Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 16Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 17Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 18Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 19Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 20Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 21Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 22Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 23Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
MB85RC64TA
DS501-00044-5v1-E
19
NOTE ON USE
• We recommend programming of the device after reflow. Data written before reflow cannot be guaranteed.
• During the access period from the start condition to the stop condition, keep the level of WP, A0, A1 and
A2 pins to the “H” level or the “L” level.
ESD AND LATCH-UP
Test
DUT
Value
ESD HBM (Human Body Model)
JESD22-A114 compliant
MB85RC64TAPNF-G-BDE1
MB85RC64TAPNF-G-BDERE1
MB85RC64TAPNF-G-AWE2
MB85RC64TAPNF-G-AWERE2
MB85RC64TAPNF-G-AME2
MB85RC64TAPNF-G-AMERE2
MB85RC64TAPN-G-AMEWE1
|2000 V|
ESD CDM (Charged Device Model)
JESD22-C101 compliant
|1000 V|
Latch-Up (C-V Method)
Proprietary method
|200 V|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com