Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC64TAPNF-G-AMERE2 Datasheet(PDF) 12 Page - RAMXEED LIMITED

Part # MB85RC64TAPNF-G-AMERE2
Description  64 K (8 K x 8) Bit I2C
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64TAPNF-G-AMERE2 Datasheet(HTML) 12 Page - RAMXEED LIMITED

Back Button MB85RC64TAPNF-G-AMERE2 Datasheet HTML 8Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 9Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 10Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 11Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 12Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 13Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 14Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 15Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 16Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
MB85RC64TA
12
DS501-00044-5v1-E
• Device ID
The Device ID command reads fixed Device ID. The size of Device ID is 3 bytes and consists of manufacturer
ID and product ID. The Device ID is read-only and can be read out by following sequences.
a) The master sends the Reserved Slave ID F8H after the START condition.
b) The master sends the device address word after the ACK response from the slave.
In this device address word, R/W code are “Don't care”.
c) The master re-sends the START condition followed by the Reserved Slave ID F9H after the ACK response
from the slave.
d) The master read out the Device ID succeedingly in order of Data Byte 1st / 2nd / 3rd after the ACK
response from the slave.
e) The master responds the NACK (SDA is the “H” level) after reading 3 bytes of the Device ID.
In case the master respond the ACK after reading 3 bytes of the Device ID, the master re-reading the
Device ID from the 1st byte.
11
10
9876543210
11
10
9876543210
000000001010001101011000
Density = 3H
Proprietary use
Manufacture ID = 00AH
Product ID = 358H
Data Byte 1st
Data Byte 2nd
Data Byte 3rd
Reserved
Slave ID
(F8H)
Reserved
Slave ID
(F9H)
A 1010 A2 A1
R
/
W
AS
S
A Data Byte
1st
Data Byte
2nd
Data Byte
3rd
AA
N P
S
P
A
N
A0
Access from master
Access from slave
Stop Condition
ACK (SDA is the "L" level)
NACK (SDA is the "H" level)
Start Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com