Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC64TAPNF-G-AMERE2 Datasheet(PDF) 11 Page - RAMXEED LIMITED

Part # MB85RC64TAPNF-G-AMERE2
Description  64 K (8 K x 8) Bit I2C
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64TAPNF-G-AMERE2 Datasheet(HTML) 11 Page - RAMXEED LIMITED

Back Button MB85RC64TAPNF-G-AMERE2 Datasheet HTML 7Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 8Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 9Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 10Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 11Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 12Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 13Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 14Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 15Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
MB85RC64TA
DS501-00044-5v1-E
11
• Sleep Mode
MB85RC64TA provides Sleep mode which reduces less current consumption than Standby mode, by stoop-
ing the internal regulator circuits. Following sequences enable the Sleep mode transition.
<Transition to Sleep mode>
a) The master sends start condition followed by F8H.
b) After ACK response from slave, the master sends the device address word.
In this device address word, Read/Write code are Don't care.
c) After ACK response from slave, the master re-sends the start condition followed by 86H.
d) The slave moves to Sleep mode after ACK response to the master.
Even if the MB85RC64TA stays in the Sleep mode, SDA and SCL signals are monitored. Following sequenc-
es enable the transition to Standby mode after recovery time (tREC) of internal regulator circuits.
<Exit from Sleep mode>
a) The master sends start condition followed by device address word.
In this device address word, Read/Write code are Don't care.
b) At the rising edge of 9th clock from start condition, an internal regulator starts to operate its recovery
sequence.
c) After the recovery time (tREC) passed, standby mode enabled.
After returning to Standby mode, reading and writing are enabled by sending each command starts with start
condition.
S 1 1 1
1 1 000
1 0 1
0 A2 A1
A S 1 0
0 0 011
A
0
R/W
A0
AP
A
S
P
Access from slave
Start Condition
Stop Condition
ACK(SDA is the “L” level)
Access from master
1 0 1
0 A2 A1
X
S
R/W
A0
A
S
1 0 1
0 A2 A1
A
S
R/W
A0
Access from slave
Start Condition
ACK(SDA is the “L” level)
Access from master
Recovery
operation
Start recovery operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com