Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV781ILT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSV781ILT
Description  High bandwidth (30 MHz) low offset (200 μV) rail-to-rail 5 V op amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV781ILT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSV781ILT Datasheet HTML 2Page - STMicroelectronics TSV781ILT Datasheet HTML 3Page - STMicroelectronics TSV781ILT Datasheet HTML 4Page - STMicroelectronics TSV781ILT Datasheet HTML 5Page - STMicroelectronics TSV781ILT Datasheet HTML 6Page - STMicroelectronics TSV781ILT Datasheet HTML 7Page - STMicroelectronics TSV781ILT Datasheet HTML 8Page - STMicroelectronics TSV781ILT Datasheet HTML 9Page - STMicroelectronics TSV781ILT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC
Supply current (by
operational amplifier)
T = 25 °C
3.3
3.7
mA
-40 °C ≤ T ≤ 125 °C
3.7
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ
23
30
MHz
SR
Slew rate
RL = 10 kΩ, AV = 1 V/V, 10% to 90%
17
20
V/µs
trec
Overload recovery time
VOUT = 100 mV from rail, AV = +1 V/V
170
ns
CR
Cross talk
VOUT = 4 Vpp, RL = 10 kΩ, AV = +101 V/V,
f = 1 kHz
120
dB
Φm
Phase margin
47
degrees
GM
Gain margin
9
dB
en
Input voltage noise
density
f = 10 kHz
7
nV/√Hz
f = 1 kHz
14
en p-p
Input noise voltage
0.1 Hz ≤ f ≤ 10 Hz
9
µVpp
Cin
Input capacitance
Differential
6.3
pF
Common mode
1.6
TSV781, TSV782
Electrical characteristics
DS14011 - Rev 7
page 6/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com