Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV781ILT Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSV781ILT
Description  High bandwidth (30 MHz) low offset (200 μV) rail-to-rail 5 V op amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV781ILT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSV781ILT Datasheet HTML 15Page - STMicroelectronics TSV781ILT Datasheet HTML 16Page - STMicroelectronics TSV781ILT Datasheet HTML 17Page - STMicroelectronics TSV781ILT Datasheet HTML 18Page - STMicroelectronics TSV781ILT Datasheet HTML 19Page - STMicroelectronics TSV781ILT Datasheet HTML 20Page - STMicroelectronics TSV781ILT Datasheet HTML 21Page - STMicroelectronics TSV781ILT Datasheet HTML 22Page - STMicroelectronics TSV781ILT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
AF is calculated using the temperature and voltage defined in the mission profile of the product. The AF value can
then be used in Eq. (5) to calculate the number of months of use equivalent to 1000 hours of reliable stress
duration.
Montℎs=AF×1000ℎ×12montℎs/24ℎ×365.25days
(5)
To evaluate the op amp reliability, a follower stress condition is used where VCC is defined as a function of the
maximum operating voltage and the absolute maximum rating (as recommended by JEDEC rules). The Vio drift
(in µV) of the product after 1000 h of stress is tracked with parameters at different measurement conditions (see
Eq. (6)).
VCC=maxVop witℎVicm=Vcc2
(6)
The long term drift parameter ΔVio (in µV.month-1/2), estimating the reliability performance of the product, is
obtained using the ratio of the Vio (input offset voltage value) drift over the square root of the calculated number of
months (Eq. (7)).
∆Vio= Viodrift
montℎs
(7)
Where Vio drift is the measured drift value in the specified test conditions after 1000 h stress duration.
The Vio final drift, in µV, to be measured on the device in real operation conditions can be computed from Eq. (8).
Vio final drifttop,Top,VCC =∆Vio. top.eβ.VCC−VCC nom.eEak. 1297− 1Top
(8)
Where:
ΔVio is the long term drift parameter in µV.√month
top is the operating time seen by the device, in months
Top is the operating temperature
VCC is the power supply during operating time
VCC nom is the nominal VCC at which the ΔVio is computed (5 V for TSV78x)
Ea is the activation energy of the technology (here 0.7 eV).
5.4
Unused channel
When one of the two channels of the TSV78x is not used, it must be properly connected in order to avoid internal
oscillations that can negatively impact the signal integrity on the other channel, as well as the current
consumption. Two different configurations can be used:
Gain configuration: the channel can be set in gain, the input can be set to any voltage within the Vicm operating
range.
Comparator configuration: the channel can be set to a comparator configuration (without negative feedback). In
this case, positive and negative inputs can be set to any value provided these values are significantly different
(100 mV or more, to avoid oscillation between positive and negative state) and the differential input is lower than
the maximum specified in the operating range (maximum 2 V), or the input current is limited to less than 10 mA to
avoid damaging the circuit.
5.5
EMI rejection
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of operational
amplifiers. An adverse effect that is common to many op amps is a change in the offset voltage as a result of RF
signal rectification. EMIRR is defined in Eq. (9):
EMIRR=20.log Vin pp∆Vio
(9)
The TSV78x has been specially designed to minimize susceptibility to EMIRR and shows a low sensitivity. As
visible in Figure 42, EMI rejection ratio has been measured on both inputs and output, from 400 MHz to 2.4 GHz.
TSV781, TSV782
Application information
DS14011 - Rev 7
page 19/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com