Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV781ILT Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSV781ILT
Description  High bandwidth (30 MHz) low offset (200 μV) rail-to-rail 5 V op amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV781ILT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSV781ILT Datasheet HTML 14Page - STMicroelectronics TSV781ILT Datasheet HTML 15Page - STMicroelectronics TSV781ILT Datasheet HTML 16Page - STMicroelectronics TSV781ILT Datasheet HTML 17Page - STMicroelectronics TSV781ILT Datasheet HTML 18Page - STMicroelectronics TSV781ILT Datasheet HTML 19Page - STMicroelectronics TSV781ILT Datasheet HTML 20Page - STMicroelectronics TSV781ILT Datasheet HTML 21Page - STMicroelectronics TSV781ILT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
5
Application information
5.1
Operating voltages
The TSV78x device can operate from 2.0 to 5.5 V. The parameters are fully specified at 2.0 V, 3.3 V and 5 V
power supplies. However, the parameters are very stable over the full VCC range, and several characterization
curves show the TSV78x device characteristics over the full operating range. Additionally, the main specifications
are guaranteed in extended temperature range from -40 to 125 °C.
5.2
Input offset voltage drift over the temperature
The maximum input voltage drift variation overtemperature is defined as the offset variation related to the offset
value measured at 25 °C. The operational amplifier is one of the main circuits of the signal conditioning chain, and
the amplifier input offset (Vio) is a major contributor to the chain accuracy.
The signal chain accuracy at 25 °C can be compensated during production at application level. The maximum
input voltage drift overtemperature enables the system designer to anticipate the effect of temperature variations.
The maximum input voltage drift overtemperature is computed using Eq. (1).
∆Vio∆T=maxVioT−Vio25°C
T−25°C T=−40°C and T=125°C
(1)
The datasheet maximum value is guaranteed by a measurement on a representative sample size ensuring a Cpk
(process capability index) greater than 1.3.
5.3
Long term input offset voltage drift
To evaluate product reliability, two types of stress acceleration are used:
•
Voltage acceleration, by changing the applied voltage
•
Temperature acceleration, by changing the die temperature (below the maximum junction temperature
allowed by the technology) with the ambient temperature.
The voltage acceleration has been defined based on JEDEC results, and is defined using Eq. (2).
AFV=eβ.VS−VU
(2)
Where:
AFV is the voltage acceleration factor
β is the voltage acceleration constant in 1/V, constant technology parameter (β = 1)
VS is the stress voltage used for the accelerated test
VU is the voltage used for the application
The temperature acceleration is driven by the Arrhenius model, and is defined in Eq. (3).
AFT=eEak. 1TU−1TS
(3)
Where:
AFT is the temperature acceleration factor
Ea is the activation energy of the technology based on the failure rate
k is the Boltzmann constant (8.6173 x 10-5 eV . K-1)
TU is the temperature of the die when VU is used (K)
TS is the temperature of the die undertemperature stress (K)
The final acceleration factor, AF, is the multiplication of the voltage acceleration factor and the temperature
acceleration factor (Eq. (4)).
AF=AFT.AFV
(4)
TSV781, TSV782
Application information
DS14011 - Rev 7
page 18/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com