Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV781ILT Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSV781ILT
Description  High bandwidth (30 MHz) low offset (200 μV) rail-to-rail 5 V op amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV781ILT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSV781ILT Datasheet HTML 17Page - STMicroelectronics TSV781ILT Datasheet HTML 18Page - STMicroelectronics TSV781ILT Datasheet HTML 19Page - STMicroelectronics TSV781ILT Datasheet HTML 20Page - STMicroelectronics TSV781ILT Datasheet HTML 21Page - STMicroelectronics TSV781ILT Datasheet HTML 22Page - STMicroelectronics TSV781ILT Datasheet HTML 23Page - STMicroelectronics TSV781ILT Datasheet HTML 24Page - STMicroelectronics TSV781ILT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Figure 43. Test configuration for RISO
Please note that RISO = 22 Ω is sufficient to make the TSV78x stable whatever the capacitive load.
5.8
Resistor values for high speed op amp design
Due to its high gain bandwidth product (GBP), this op amp is particularly sensitive to parasitic impedances. Board
parasitics should be taken into account in any sensitive design. Indeed, excessive parasitics (both capacitive and
inductive) in the op amp frequency range can alter performances and stability. These issues can often be
mitigated by lowering the resistive impedances.
More specifically, the RC network created by the schematic resistors (Rf and Rg) and the parasitic capacitances of
both the op amp and the PCB can generate a pole below or in the same order of magnitude as the closed-loop
bandwidth of the circuit. In this case, the feedback circuit is not able to fully play its role at high frequency, and the
application can be unstable. This issue can happen when the schematic gain is low (typically < 5), or the device is
used in follower mode with a resistor in the feedback. In these cases, it is advised to use a low value feedback
resistor (Rf), typically 600 Ω.
Figure 44. Inverting amplifier configuration with parasitic input capacitances
Also, some designs use an input resistor on the positive input, generally of the same value as the input on the
negative resistor. This resistor can be useful to balance the input currents on the positive and negative inputs, and
reduce the impact of those input currents on precision. However, this is not useful on the TSV78x as the input
currents are very low. Furthermore, this resistor can also interact with the input capacitances to generate a pole.
The frequency of this pole should be kept higher than the closed-loop bandwidth frequency.
The macromodel provided takes into account the circuit parasitic capacitors. Thus, a transient spice simulation
(100 mV step) is an easy way to evaluate the stability of the application. However, this cannot replace a hardware
evaluation of the application circuit.
TSV781, TSV782
Application information
DS14011 - Rev 7
page 21/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com