Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ151ICT Datasheet(PDF) 28 Page - STMicroelectronics

Part # TSZ151ICT
Description  Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ151ICT Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TSZ151ICT Datasheet HTML 24Page - STMicroelectronics TSZ151ICT Datasheet HTML 25Page - STMicroelectronics TSZ151ICT Datasheet HTML 26Page - STMicroelectronics TSZ151ICT Datasheet HTML 27Page - STMicroelectronics TSZ151ICT Datasheet HTML 28Page - STMicroelectronics TSZ151ICT Datasheet HTML 29Page - STMicroelectronics TSZ151ICT Datasheet HTML 30Page - STMicroelectronics TSZ151ICT Datasheet HTML 31Page - STMicroelectronics TSZ151ICT Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
6
Typical applications
6.1
Low-side current sensing
Power management mechanisms are found in most electronic systems. Current sensing is useful for protecting
applications. The low-side current sensing method consists of placing a sense resistor between the load and the
circuit ground. The resulting voltage drop is amplified using the TSZ151 and TSZ152.
Figure 62. Low-side current sensing schematic
Vout can be expressed as follows:
Vout=Rsℎunt⋅I1− Rg2
Rg2+rf2 ⋅ 1+Rf1Rf2 +Ip⋅ Rg2⋅Rf2
Rg2+Rf2
⋅ 1+Rf1Rg1 −In⋅Rf1−Vio⋅ 1+Rf1rg1
(3)
Assuming that Rf2 = Rf1 = Rf and Rg2 = Rg1 = Rg, equation 4 can be simplified as follows:
Vout=Rsℎunt⋅I⋅RfRg−Vio⋅ 1+RfRg +Rf⋅Iio
(4)
The main advantage of using the TSZ151 and TSZ152 for a low-side current sensing relies on its low Vio,
compared to general purpose operational amplifiers. For the same current and targeted accuracy, the shunt
resistor can be chosen with a lower value, resulting in lower power dissipation, lower drop in the ground path, and
lower cost. Particular attention must be paid to the precision of Rg1 and Rf1, to maximize the accuracy of the
measurement.
Note that the open loop gain of TSZ151 and TSZ152 are defined close to the rail. It enables measurements over
a wide range of currents.
TSZ151, TSZ152
Typical applications
DS14459 - Rev 4
page 28/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com