Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ151ICT Datasheet(PDF) 35 Page - STMicroelectronics

Part # TSZ151ICT
Description  Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ151ICT Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TSZ151ICT Datasheet HTML 31Page - STMicroelectronics TSZ151ICT Datasheet HTML 32Page - STMicroelectronics TSZ151ICT Datasheet HTML 33Page - STMicroelectronics TSZ151ICT Datasheet HTML 34Page - STMicroelectronics TSZ151ICT Datasheet HTML 35Page - STMicroelectronics TSZ151ICT Datasheet HTML 36Page - STMicroelectronics TSZ151ICT Datasheet HTML 37Page - STMicroelectronics TSZ151ICT Datasheet HTML 38Page - STMicroelectronics TSZ151ICT Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Table 13. DFN8 2 x 2 wettable flank package mechanical data
Ref.
Dimensions
Millimiters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.10
0.004
b
0.20
0.25
0.30
0.008
0.010
0.012
D
1.95
2.00
2.05
0.077
0.079
0.081
D1
0.80
0.90
1.00
0.031
0.035
0.039
E
1.95
2.00
2.05
0.077
0.079
0.081
E1
1.50
1.60
1.70
0.059
0.063
0.067
e
0.50
0.020
F
0.05
0.002
G
0.25
0.30
0.35
0.010
0.012
0.014
aaa
0.10
0.004
Figure 68. DFN8 2 x 2 wettable flank recommended footprint
TSZ151, TSZ152
Package information
DS14459 - Rev 4
page 35/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com