Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ151ICT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSZ151ICT
Description  Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ151ICT Datasheet(HTML) 4 Page - STMicroelectronics

  TSZ151ICT Datasheet HTML 1Page - STMicroelectronics TSZ151ICT Datasheet HTML 2Page - STMicroelectronics TSZ151ICT Datasheet HTML 3Page - STMicroelectronics TSZ151ICT Datasheet HTML 4Page - STMicroelectronics TSZ151ICT Datasheet HTML 5Page - STMicroelectronics TSZ151ICT Datasheet HTML 6Page - STMicroelectronics TSZ151ICT Datasheet HTML 7Page - STMicroelectronics TSZ151ICT Datasheet HTML 8Page - STMicroelectronics TSZ151ICT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
2
Maximum ratings
Table 4. Absolute maximum ratings
Symbol
Parameter (1)
Value
Unit
VCC
Supply voltage
6
V
Vid
Differential input voltage (VIN+ - VIN-)
±VCC
Vin
Input voltage (2)
(VCC-) -0.2 to (VCC+) +0.2
Iin
Input current
±10
mA
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
Rth-ja
Thermal resistance junction-to-ambient (3)
SC70-5
205
°C/W
SOT23-5
250
SO8
113
MiniSO8
127
DFN8 2x2
76
ESD
HBM: human body model (industrial grade) (4)
4000
V
HBM: human body model (automotive grade) (5)
4000
CDM: charged device model
1000
1. All voltage values are with respect to the VCC- pin, unless otherwise specified.
2. The maximum input voltage value may be extended on the condition that the input current is limited to ±10 mA.
3. Rth-ja is a typical value, obtained with PCB according to JEDEC 2s2p without vias.
4. Human body model: HBM test according to the standard ESDA-JS-001-2017.
5. Human body model: HBM test according to the standard AEC-Q100-002.
Table 5. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
1.8 to 5.5
V
Vicm
Common-mode input voltage range
(VCC-) -0.1 V to (VCC+) +0.1
Toper
Operating free-air temperature range
-40 to 125
°C
TSZ151, TSZ152
Maximum ratings
DS14459 - Rev 4
page 4/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com