Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ151ICT Datasheet(PDF) 36 Page - STMicroelectronics

Part # TSZ151ICT
Description  Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ151ICT Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TSZ151ICT Datasheet HTML 31Page - STMicroelectronics TSZ151ICT Datasheet HTML 32Page - STMicroelectronics TSZ151ICT Datasheet HTML 33Page - STMicroelectronics TSZ151ICT Datasheet HTML 34Page - STMicroelectronics TSZ151ICT Datasheet HTML 35Page - STMicroelectronics TSZ151ICT Datasheet HTML 36Page - STMicroelectronics TSZ151ICT Datasheet HTML 37Page - STMicroelectronics TSZ151ICT Datasheet HTML 38Page - STMicroelectronics TSZ151ICT Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
8
Ordering information
Table 14. Order codes
Order code
Temperature range
Package
Marking
TSZ151ICT
-40 °C to 125 °C
SC70-5
K4K
TSZ151ILT
SOT23-5
K234
TSZ151IYCT
-40 °C to 125 °C automotive grade (1)
SC70-5
K4L
TSZ151IYLT
SOT23-5
K235
TSZ152IDT
-40 °C to 125 °C
SO8
TSZ152I
TSZ152IYDT
-40 °C to 125 °C automotive grade (1)
TSZ152IY
TSZ152IST
-40 °C to 125 °C
MiniSO8
K4M
TSZ152IYST
-40 °C to 125 °C automotive grade (1)
K4O
TSZ152IQ2T
-40 °C to 125 °C
DFN8
K4M
TSZ152IYQ2T
-40 °C to 125 °C automotive grade (1)
K4O
1. Qualification and characterization according to AEC Q100 and Q003 or the equivalent, advanced screening according to
AEC Q001 & Q002 or the equivalent. For qualification status details, check the "Maturity Status" link on the first page
("Quality & Reliability" tab on www.st.com).
TSZ151, TSZ152
Ordering information
DS14459 - Rev 4
page 36/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com