Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE031 Datasheet(PDF) 40 Page - Texas Instruments

Part # AFE031
Description  AFE031 Powerline Communications Analog Front-End
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE031 Datasheet(HTML) 40 Page - Texas Instruments

Back Button AFE031 Datasheet HTML 36Page - Texas Instruments AFE031 Datasheet HTML 37Page - Texas Instruments AFE031 Datasheet HTML 38Page - Texas Instruments AFE031 Datasheet HTML 39Page - Texas Instruments AFE031 Datasheet HTML 40Page - Texas Instruments AFE031 Datasheet HTML 41Page - Texas Instruments AFE031 Datasheet HTML 42Page - Texas Instruments AFE031 Datasheet HTML 43Page - Texas Instruments AFE031 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
SPI
SPI
LPF
LPF
Line Coupling Interface
C2000 MCU
AFE031
PA
DAC
PGA
PGA
PGA
Copyright © 2017, Texas Instruments Incorporated
Line Coupling Interface
C2000 MCU
SPI
LPF
AFE031
LPF
SPI
PA
DAC
PGA
PGA
PGA
Copyright © 2017, Texas Instruments Incorporated
40
AFE031
SBOS531E – AUGUST 2010 – REVISED JUNE 2019
www.ti.com
Product Folder Links: AFE031
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
9.5 Calibration Modes
The AFE031 can be configured for two different calibration modes: Tx calibration and Rx calibration. Calibration
values can be determined during the calibration process and stored in system memory. A one-time calibration
can be performed the first time that the system powers on; this calibration remains valid over the full temperature
range and operating life of the AFE031, independent of the number of power-on/power-off cycles, as long as the
calibration factors remain in the system memory. Calibration mode is accessed through the Control1 Register.
Note that calibration is not required.
9.5.1 Tx Calibration Mode
The Tx PGA + Tx Filter ac gain can be calibrated in Tx calibration mode. Figure 45 shows the signal path during
Tx calibration mode.
Figure 45. Tx Calibration Mode Configuration
9.5.2 Rx Calibration Mode
The Tx PGA + Rx PGA1 + Rx Filter + Rx PGA2 ac gain can be calibrated in Rx Calibration mode. Figure 46
shows the signal path during Rx Calibration mode.
Figure 46. Rx Calibration Mode Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com