Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE031 Datasheet(PDF) 12 Page - Texas Instruments

Part # AFE031
Description  AFE031 Powerline Communications Analog Front-End
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE031 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AFE031 Datasheet HTML 8Page - Texas Instruments AFE031 Datasheet HTML 9Page - Texas Instruments AFE031 Datasheet HTML 10Page - Texas Instruments AFE031 Datasheet HTML 11Page - Texas Instruments AFE031 Datasheet HTML 12Page - Texas Instruments AFE031 Datasheet HTML 13Page - Texas Instruments AFE031 Datasheet HTML 14Page - Texas Instruments AFE031 Datasheet HTML 15Page - Texas Instruments AFE031 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
12
AFE031
SBOS531E – AUGUST 2010 – REVISED JUNE 2019
www.ti.com
Product Folder Links: AFE031
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
Electrical Characteristics: Receiver (Rx) (continued)
At TJ = 25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and 10 kΩ connected to PA_ISET (pin 46), unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
(1)
Includes Rx PGA1, Rx_Filter, Rx PGA2, and REF2 bias generator.
Rx PGA2
Input
Input voltage range
GND – 0.1
AVDD + 0.1
V
RI
Input impedance
G = 64 V/V
1.7
kΩ
G = 16 V/V
6.3
kΩ
G = 4 V/V
21
kΩ
G = 1 V/V
53
kΩ
Frequency Response
BW
Bandwidth
G = 64 V/V
300
kHz
G = 16 V/V
800
kHz
G = 4 V/V
1.4
MHz
G = 1 V/V
4
MHz
Output
VO
Voltage output swing from AGND
or AVDD
RLOAD = 10 kΩ, connected to AVDD/2
10
100
mV
IO
Maximum continuous current, dc
Sourcing
25
mA
Sinking
25
mA
RO
Output impedance
G = 1, f = 100 kHz
1
Ω
Gain
Gain error
G = 1 V/V
–2%
±1%
2%
G = 4 V/V
–2%
±1%
2%
G = 16 V/V
–2%
±1%
2%
G = 64 V/V
–4%
±1%
4%
Gain error drift
TJ = –40°C to +125°C
6
ppm/°C
Rx Sensitivity
Integrated noise, RTI(1)
CENELEC Band A
(40 kHz to 90 kHz)
Noise-reducing capacitor = 1 μF from
pin 28 to ground
14
μVRMS
CENELEC Bands B/C/D
(95 kHz to 140 kHz)
Noise-reducing capacitor = 1 μF from
pin 28 to ground
11
μVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com