Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE031 Datasheet(PDF) 13 Page - Texas Instruments

Part # AFE031
Description  AFE031 Powerline Communications Analog Front-End
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE031 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AFE031 Datasheet HTML 9Page - Texas Instruments AFE031 Datasheet HTML 10Page - Texas Instruments AFE031 Datasheet HTML 11Page - Texas Instruments AFE031 Datasheet HTML 12Page - Texas Instruments AFE031 Datasheet HTML 13Page - Texas Instruments AFE031 Datasheet HTML 14Page - Texas Instruments AFE031 Datasheet HTML 15Page - Texas Instruments AFE031 Datasheet HTML 16Page - Texas Instruments AFE031 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
13
AFE031
www.ti.com
SBOS531E – AUGUST 2010 – REVISED JUNE 2019
Product Folder Links: AFE031
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
(1)
When an interrupt is detected (INT pin low), the contents of the I_Flag and T_Flag Registers can be read to determine the reason for the
interrupt.
8.7
Electrical Characteristics: Digital
At TJ = 25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and 10 kΩ connected to PA_ISET (pin 46), unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Digital Inputs (SCLK, DIN, CS, DAC, SD)
Leakage input current
0
≤ VIN ≤ DVDD
–1
0.01
1
μA
Input logic levels
VIH
High-level input voltage
0.7 • DVDD
V
VIL
Low-level input voltage
0.3 • DVDD
V
SD pin high
SD > 0.7 • DVDD
AFE031 in shutdown
SD pin low
SD < 0.3 • DVDD
AFE031 in normal operation
DAC pin high
DAC > 0.7 • DVDD
SPI access to DAC Register
DAC pin low
DAC < 0.3 • DVDD
SPI access to Command and Data
Registers
Digital Outputs (DO, ZC_OUT)
VOH
High-level output voltage
IOH = 3 mA
DVDD – 0.4
DVDD
V
VOL
Low-level output voltage
IOL = –3 mA
GND
GND + 0.4
V
Digital Outputs (INT, Tx_Flag, Rx_Flag)
IOH
High-level output current
VOH = 3.3 V
1
μA
VOL
Low-level output voltage
IOL = 4 mA
0.4
V
IOL
Low-level output current
VOL = 400 mV
4
mA
INT pin high (open drain)
INT sink current < 1 μA
Normal operation
INT pin low (open drain)(1)
INT < 0.4 V
Indicates an interrupt has occurred
Tx_Flag high (open drain)
Tx_Flag sink current < 1 μA
Indicates Tx block is ready
Tx_Flag low (open drain)
Tx_Flag < 0.4 V
Indicates Tx block is not ready
Rx_Flag high (open drain)
Rx_Flag sink current < 1 μA
Indicates Rx block is ready
Rx_Flag low (open drain)
Rx_Flag < 0.4 V
Indicates Rx block is not ready
DIGITAL TIMING
Gain Timing
Gain select time
0.2
μs
Shutdown Mode Timing
Enable time
4.0
μs
Disable time
2.0
μs
POR Timing
Power-On Reset power-up
time
DVDD ≥ 2 V
50
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com