Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS2007FC
Description  3 W, filter-free, class-D audio power amplifier with 6 or 12 dB fixed gain select
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS2007FC_V01 Datasheet HTML 19Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 20Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 21Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 22Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 23Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 24Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 25Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 26Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
DocID14937 Rev 4
23/33
TS2007FC
Electrical characteristics
33
Figure 41. Power derating curves
Figure 42. Startup and shutdown phase
VCC = 5 V, G = 6 dB, Cin = 1 µF, inputs grounded
Figure 43. Startup and shutdown phase
VCC = 5 V, G = 6 dB, Cin = 1 µF, Vin = 1 Vpp,
F = 10 kHz
Figure 44. Startup and shutdown phase
VCC = 5 V, G = 12 dB, Cin = 1 µF, Vin = 1 Vpp,
F = 10 kHz
0
255075
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Mounted on a 4-layer PCB
Ambiant Temperature (
°C)
No Heat sink
AMR value
Vo2
Vo1
Standby
Vo1 - Vo2
Vo1
Vo2
Standby
Vo1 - Vo2
Vo1
Vo2
Standby
Vo1 - Vo2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com