Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS2007FC
Description  3 W, filter-free, class-D audio power amplifier with 6 or 12 dB fixed gain select
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS2007FC_V01 Datasheet HTML 23Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 24Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 25Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 26Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 27Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 28Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 29Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 30Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
DocID14937 Rev 4
27/33
TS2007FC
Application information
33
Figure 45. Typical application for single-ended input configuration
4.10
Output filter considerations
The TS2007FC is designed to operate without an output filter. However, due to very sharp
transients on the TS2007FC output, EMI radiated emissions may cause some standard
compliance issues.
These EMI standard compliance issues can appear if the distance between the TS2007FC
outputs and loudspeaker terminal are long (typically more than 50 mm, or 100 mm in both
directions). As the PCB layout and internal equipment device are different for each
configuration, it is difficult to provide a one-size-fits-all solution.
However, to decrease the probability of EMI issues, there are several simple rules to follow:
•
Reduce, as much as possible, the distance between the TS2007FC output pins and the
speaker terminals
•
Use a ground plane for shielding sensitive wires
•
Place, as close as possible to the TS2007FC and in series with each output, a ferrite
bead with a rated current of minimum 2.5 A and impedance greater than 50
Ω at
frequencies above 30 MHz
•
Allow an extra footprint to place, if necessary, a capacitor to short perturbations to
ground (Figure 46)
VCC
Cin
Cin
Input
Speaker
Cs
1uF
TS2007FC
Gain
Select
+
-
Standby
Control
A1
C1
A3
C3
PWM
H
Bridge
Oscillator
IN-
IN+
GS
Vcc
OUT+
OUT-
Standby
Gnd
Protection
Circuit
Gain select control
Standby control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com