Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS2007FC
Description  3 W, filter-free, class-D audio power amplifier with 6 or 12 dB fixed gain select
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS2007FC_V01 Datasheet HTML 22Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 23Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 24Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 25Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 26Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 27Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 28Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 29Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Application information
TS2007FC
26/33
DocID14937 Rev 4
4.6
Wakeup time (twu)
When the standby is released to set the device ON, there is a wait of 1 ms typically. The
TS2007FC has an internal digital delay that mutes the outputs and releases them after this
time in order to avoid any pop noise.
Note:
The gain increases smoothly (see Figure 43 and Figure 44) from the mute to the gain
selected by the GS pin (Section 4.2).
4.7
Shutdown time
When the standby command is set to high, the time required to put the two output stages
into high impedance and to put the internal circuitry in shutdown mode, is typically 1 ms.
This time is used to decrease the gain and avoid any pop noise during shutdown.
Note:
The gain decreases smoothly until the outputs are muted (see Figure 43 and Figure 44).
4.8
Consumption in shutdown mode
Between the shutdown pin and GND there is an internal 300 k
Ω resistor. This resistor forces
the TS2007FC to be in shutdown when the shutdown input is left floating.
However, this resistor also introduces additional shutdown power consumption if the
shutdown pin voltage does not equal 0 V. This extra current is provided by the device that
drives the standby pin of the amplifier.
Referring to Table 2: Operating conditions, with a 0.4 V shutdown voltage pin for example,
you must add 0.4 V/300 k = 1.3 µA in typical (0.4 V/273 k = 1.46 µA maximum) to the
shutdown current specified in Table 5 to Table 9.
4.9
Single-ended input configuration
It is possible to use the TS2007FC in a single-ended input configuration. However, input
coupling capacitors are needed in this configuration. The following schematic diagram
shows a typical single-ended input application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com