Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 29 Page - STMicroelectronics

Part # TS2007FC
Description  3 W, filter-free, class-D audio power amplifier with 6 or 12 dB fixed gain select
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TS2007FC_V01 Datasheet HTML 25Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 26Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 27Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 28Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 29Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 30Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 31Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 32Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
DocID14937 Rev 4
29/33
TS2007FC
Application information
33
4.11
Short-circuit protection
The TS2007FC includes an output short-circuit protection. This protection prevents the
device from being damaged if there are fault conditions on the amplifier outputs.
When a channel is in operating mode and a short-circuit occurs directly between two
outputs (Out+ and Out-) or between an output and ground (Out+ and GND or Out- and
GND), the short-circuit protection detects this situation and puts the amplifier into standby.
To put the amplifier back into operating mode, put the standby pin to logical LO and then to
logical HI.
4.12
Thermal shutdown
The TS2007FC device has an internal thermal shutdown protection in the event of extreme
temperatures to protect the device from overheating. Thermal shutdown is active when the
device reaches 150 °C. When the temperature decreases to a safe level, the circuit
switches back to normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com