Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS472
Description  Very low noise microphone preamplifier with 2.0 V bias output and active low standby mode
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 1 Page - STMicroelectronics

  TS472 Datasheet HTML 1Page - STMicroelectronics TS472 Datasheet HTML 2Page - STMicroelectronics TS472 Datasheet HTML 3Page - STMicroelectronics TS472 Datasheet HTML 4Page - STMicroelectronics TS472 Datasheet HTML 5Page - STMicroelectronics TS472 Datasheet HTML 6Page - STMicroelectronics TS472 Datasheet HTML 7Page - STMicroelectronics TS472 Datasheet HTML 8Page - STMicroelectronics TS472 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
August 2009
Doc ID 11015 Rev 6
1/25
25
TS472
Very low noise microphone preamplifier with
2.0 V bias output and active low standby mode
Features
■ Low noise: 10 nV/
√Hz typ. equivalent input
noise at F = 1 kHz
■ Fully-differential input/output
■ 2.2 to 5.5 V single supply operation
■ Low power consumption at 20 dB: 1.8 mA
■ Fast start up time at 0 dB: 5 ms typ.
■ Low distortion: 0.1% typ.
■ 40 kHz bandwidth regardless of the gain
■ Active low standby mode function (1
μA max)
■ Low noise 2.0 V microphone bias output
■ Available in flip-chip lead-free package and in
QFN24 4 x 4 mm package
■ ESD protection (2 kV)
Applications
■ Video and photo cameras with sound input
■ Sound acquisition and voice recognition
■ Video conference systems
■ Notebook computers and PDAs
Description
The TS472 is a differential-input microphone
preamplifier optimized for high-performance PDA
and notebook audio systems.
This device features an adjustable gain from 0 to
40 dB with excellent power-supply and common-
mode rejection ratios. In addition, the TS472 has
a very low noise microphone bias generator of
2V.
It also includes a complete shutdown function,
with active low standby mode.
Flip-chip - 12 bumps
Pin connections (top view)
QFN24
Pin connections (top view)
1
2
3
4
5
6
7
13
14
15
16
17
18
19
20
21
22
23
24
NC
BYP
NC
NC
NC
NC
NC
NC
NC
NC
NC
GND
IN-
8
9
10
11
12
NC
IN+
GS
BIAS
C1
C2
OUT-
OUT+
GND STBY VCC
www.st.com


Similar Part No. - TS472

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS472 STMICROELECTRONICS-TS472 Datasheet
611Kb / 20P
Very Low Noise Microphone Preamplifier with 2V Biased Output and Active Low Standby Mode
Oct-2005
TS472 STMICROELECTRONICS-TS472 Datasheet
624Kb / 24P
Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
12-Sep-2006
TS472EIJT STMICROELECTRONICS-TS472EIJT Datasheet
611Kb / 20P
Very Low Noise Microphone Preamplifier with 2V Biased Output and Active Low Standby Mode
Oct-2005
TS472EIJT STMICROELECTRONICS-TS472EIJT Datasheet
624Kb / 24P
Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
12-Sep-2006
TS472IQT STMICROELECTRONICS-TS472IQT Datasheet
624Kb / 24P
Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
12-Sep-2006
More results

Similar Description - TS472

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA3420 STMICROELECTRONICS-TDA3420 Datasheet
171Kb / 5P
DUAL VERY LOW NOISE PREAMPLIFIER
Jun-1988
logo
Analog Devices
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
LOW NOISE MICROPHONE PREAMPLIFIER
logo
STMicroelectronics
TS472 STMICROELECTRONICS-TS472 Datasheet
611Kb / 20P
Very Low Noise Microphone Preamplifier with 2V Biased Output and Active Low Standby Mode
Oct-2005
logo
Maxim Integrated Produc...
MAX9814 MAXIM-MAX9814 Datasheet
337Kb / 14P
Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 0; 3/07
logo
STMicroelectronics
TS472 STMICROELECTRONICS-TS472_06 Datasheet
624Kb / 24P
Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
12-Sep-2006
logo
rfsolutions.ltd
SP2 RFSOLUTIONS-SP2 Datasheet
706Kb / 2P
Low noise balanced input microphone preamplifier
logo
Maxim Integrated Produc...
MAX9814 MAXIM-MAX9814_09 Datasheet
309Kb / 14P
Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 2; 6/09
MAX9814ETD MAXIM-MAX9814ETD Datasheet
1Mb / 14P
Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 2; 6/09
logo
STMicroelectronics
AN2240 STMICROELECTRONICS-AN2240 Datasheet
253Kb / 9P
low noise microphone preamplifier with 2 V bias
26-Aug-2009
logo
Maxim Integrated Produc...
MAX9814 MAXIM-MAX9814_V01 Datasheet
1Mb / 13P
Microphone Amplifier with AGC and Low-Noise Microphone Bias
19-0764; Rev 3; 8/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com