Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS472
Description  Very low noise microphone preamplifier with 2.0 V bias output and active low standby mode
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS472 Datasheet HTML 7Page - STMicroelectronics TS472 Datasheet HTML 8Page - STMicroelectronics TS472 Datasheet HTML 9Page - STMicroelectronics TS472 Datasheet HTML 10Page - STMicroelectronics TS472 Datasheet HTML 11Page - STMicroelectronics TS472 Datasheet HTML 12Page - STMicroelectronics TS472 Datasheet HTML 13Page - STMicroelectronics TS472 Datasheet HTML 14Page - STMicroelectronics TS472 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TS472
Electrical characteristics
Doc ID 11015 Rev 6
11/25
Figure 20.
Maximum input voltage vs. gain,
THD+N<1%
Figure 21.
Maximum input voltage vs. power
supply voltage, THD+N<1%
0
1020
3040
0
50
100
150
V
CC
=2.2V
T
AMB
=25°C
F=1kHz
THD+N<1%
Gain (dB)
V
CC
=5.5V
V
CC
=3V
345
0
20
40
60
80
100
120
140
Gain=20dB
Gain=0dB
T
AMB
=25°C, F=1kHz, THD+N<1%
Power Supply Voltage (V)
Gain=30dB
Gain=40dB
2.2
5.5
Figure 22.
THD+N vs. input voltage
Figure 23.
THD+N vs. input voltage
1E-3
0.01
0.1
0.01
0.1
1
10
GS=bias
GS grounded
Tamb=25°C, Vcc=3V, F=100Hz,
Cb=1
μF, RL=10kΩ , BW=100Hz-120kHz
Input Voltage (V)
0.3
GS floating
1E-3
0.01
0.1
0.01
0.1
1
10
GS grounded
GS floating
GS=bias
Tamb=25°C, Vcc=5V, F=100Hz,
Cb=1
μF, RL=10kΩ , BW=100Hz-120kHz
Input Voltage (V)
0.3
Figure 24.
THD+N vs. input voltage
Figure 25.
THD+N vs. input voltage
1E-3
0.01
0.1
0.01
0.1
1
10
GS grounded
GS=bias
Tamb=25°C, Vcc=3V, F=1kHz,
Cb=1
μF, RL=10kΩ , BW=100Hz-120kHz
Input Voltage (V)
0.3
GS floating
1E-3
0.01
0.1
0.01
0.1
1
10
GS grounded
GS=bias
GS floating
Tamb=25°C, Vcc=5V, F=1kHz,
Cb=1
μF, RL=10kΩ , BW=100Hz-120kHz
Input Voltage (V)
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com