Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS472
Description  Very low noise microphone preamplifier with 2.0 V bias output and active low standby mode
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS472 Datasheet HTML 16Page - STMicroelectronics TS472 Datasheet HTML 17Page - STMicroelectronics TS472 Datasheet HTML 18Page - STMicroelectronics TS472 Datasheet HTML 19Page - STMicroelectronics TS472 Datasheet HTML 20Page - STMicroelectronics TS472 Datasheet HTML 21Page - STMicroelectronics TS472 Datasheet HTML 22Page - STMicroelectronics TS472 Datasheet HTML 23Page - STMicroelectronics TS472 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Package information
TS472
20/25
Doc ID 11015 Rev 6
Figure 45.
Marking (top view)
Figure 46.
Flip-chip - 12 bumps
Figure 47.
Tape & reel specification (top view)
472
YWW
E
472
YWW
E
■
ST logo
■
Part number: 472
■
E Lead free bumps
■
Three digits datecode: YWW
■
The dot indicates pin A1
●
Die size: 2.1 mm x 1.6 mm ± 30 µm
●
Die height (including bumps): 600 µm
●
Bumps diameter: 315 µm ±50 µm
●
Bump diameter before reflow: 300 µm
±10 µm
●
Bump height: 250 µm ±40 µm
●
Die height: 350 µm ±20 µm
●
Pitch: 500 µm ±50 µm
●
Coplanarity: 50 µm max
2.1 mm
1.6 mm
0.5mm
0.5mm
∅ 0.315mm
2.1 mm
1.6 mm
0.5mm
0.5mm
∅ 0.315mm
600µm
600µm
User direction of feed
8
Die size X + 70µm
4
1.5
4
All dimensions are in mm
A
1
A
1
User direction of feed
8
Die size X + 70µm
4
1.5
4
All dimensions are in mm
A
1
A
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com