Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS472
Description  Very low noise microphone preamplifier with 2.0 V bias output and active low standby mode
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS472 Datasheet HTML 12Page - STMicroelectronics TS472 Datasheet HTML 13Page - STMicroelectronics TS472 Datasheet HTML 14Page - STMicroelectronics TS472 Datasheet HTML 15Page - STMicroelectronics TS472 Datasheet HTML 16Page - STMicroelectronics TS472 Datasheet HTML 17Page - STMicroelectronics TS472 Datasheet HTML 18Page - STMicroelectronics TS472 Datasheet HTML 19Page - STMicroelectronics TS472 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Application information
TS472
16/25
Doc ID 11015 Rev 6
Figure 37 gives other values of the gain vs. voltage applied on the GS pin.
Figure 37.
Gain vs. gain select voltage
Note:
In the case of a single-ended output configuration (either positive or negative output is used
for the following signal processing) the overall gain is half. One must also take into account
that all advantages of the differential configuration principles are lost (see the difference in
PSRR in Table 5).
4.6
Wake-up time
When the standby mode is released to switch the device to ON, a signal appears on the
output a few microseconds later, and the bypass capacitor Cb is charged within a few
milliseconds. As Cb is directly linked to the bias of the amplifier, the bias will not work
properly until the Cb voltage is correct.
In a typical application, when a biased microphone is connected to the differential input via
the input capacitors (Cin), (and the output signal is in line with the specification), the wake-up
time will depend upon the values of the input capacitors Cin and the gain. When the gain is
lower than 0 dB, the wake-up time is determined only by the bypass capacitor Cb, as
described above. For a gain superior to 0 dB, refer to Figure 38.
Figure 38.
Wake-up time in a typical application vs. input capacitors
0
0.2
0.4
0.6
0.8
4
5
-80
-60
-40
-20
0
20
40
Tamb=25
°C
V
GS
(V)
20
40
60
80
100
0
10
20
30
40
50
60
Gain=20dB
Tamb = 25°C
Vcc=3V
Cb=1
μF
Input capacitors C
IN
(nF)
Maximum Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com