Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4890 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4890
Description  Rail-to-rail output 1 W audio power amplifier with standby mode active low
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4890 Datasheet(HTML) 5 Page - STMicroelectronics

  TS4890 Datasheet HTML 1Page - STMicroelectronics TS4890 Datasheet HTML 2Page - STMicroelectronics TS4890 Datasheet HTML 3Page - STMicroelectronics TS4890 Datasheet HTML 4Page - STMicroelectronics TS4890 Datasheet HTML 5Page - STMicroelectronics TS4890 Datasheet HTML 6Page - STMicroelectronics TS4890 Datasheet HTML 7Page - STMicroelectronics TS4890 Datasheet HTML 8Page - STMicroelectronics TS4890 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
DocID8396 Rev 7
5/46
TS4890
List of figures
46
Figure 49.
THD + N vs output power (Vcc=2.2 V, RL= 8
Ω, Gv= 2) . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 50.
THD + N vs output power (Vcc=2.2 V, RL= 8
Ω, Gv= 10) . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 51.
THD + N vs output power (Vcc=5 V, RL= 16
Ω, Gv= 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 52.
THD + N vs output power (Vcc=5 V, RL= 16
Ω, Gv= 10) . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 53.
THD + N vs output power (Vcc=3.3 V, RL= 16
Ω, Gv= 2) . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 54.
THD + N vs output power (Vcc=3.3 V, RL= 16
Ω, Gv= 10) . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 55.
THD + N vs output power (Vcc=2.6 V, RL= 16
Ω, Gv= 2) . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 56.
THD + N vs output power (Vcc=2.6 V, RL= 16
Ω, Gv= 10) . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 57.
THD + N vs output power (Vcc=2.2 V, RL= 16
Ω, Gv= 2) . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 58.
THD + N vs output power (Vcc=2.2 V, RL= 16
Ω, Gv= 10) . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 59.
THD + N vs frequency (Vcc=5 V, RL= 4
Ω, Gv= 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 60.
THD + N vs frequency (Vcc=5 V, RL= 4
Ω, Gv= 10) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 61.
THD + N vs frequency (Vcc=3.3 V, RL= 4
Ω, Gv= 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 62.
THD + N vs frequency (Vcc=3.3 V, RL= 4
Ω, Gv= 10) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 63.
THD + N vs frequency (Vcc=2.6 V, RL= 4
Ω, Gv= 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 64.
THD + N vs frequency (Vcc=2.6 V, RL= 4
Ω, Gv= 10) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 65.
THD + N vs frequency (Vcc=2.2 V, RL= 4
Ω, Gv= 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 66.
THD + N vs frequency (Vcc=2.2 V, RL= 4
Ω, Gv= 10) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 67.
THD + N vs frequency (Vcc=5 V, RL= 8
Ω, Gv= 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 68.
THD + N vs frequency (Vcc=5 V, RL= 8
Ω, Gv= 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 69.
THD + N vs frequency (Vcc=5 V, RL= 8
Ω, Gv= 10) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 70.
THD + N vs frequency (Pout= 450 mW) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 71.
THD + N vs frequency (Pout= 400 mW) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 72.
THD + N vs frequency (Pout= 200 mW) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 73.
THD + N vs frequency (Vcc=3.3 V, RL= 8
Ω, Gv= 10, Pout= 400 mW) . . . . . . . . . . . . . . . 25
Figure 74.
THD + N vs frequency (Pout= 200 mW) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 75.
THD + N vs frequency (Pout= 220 mW) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 76.
THD + N vs frequency (Pout= 110 mW) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 77.
THD + N vs frequency (VCC=2.6 V, Pout= 220 mW) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 78.
THD + N vs frequency (Pout=110 mW) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 79.
THD + N vs frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 80.
THD + N vs frequency (Pout=75 mW ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 81.
THD + N vs frequency (Pout=150 mW ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 82.
THD + N vs frequency (Vcc=2.2 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 83.
THD + N vs frequency (Pout=310 mW) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 84.
THD + N vs frequency (Vcc=5 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 85.
THD + N vs frequency (Gv=2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 86.
THD + N vs frequency (Vcc=3.3 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 87.
THD + N vs frequency (Gv=10) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 88.
THD + N vs frequency (Vcc=2.6 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 89.
THD + N vs frequency (Vcc=2.2 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 90.
THD + N vs frequency (Pout=50 mW) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 91.
Signal-to-noise ratio vs power supply with unweighted filter (Gv=2) . . . . . . . . . . . . . . . . . 28
Figure 92.
Signal-to-noise ratio vs power supply with unweighted filter (20Hz to 20kHz) . . . . . . . . . . 28
Figure 93.
Signal-to-noise ratio vs power supply Gv=2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 94.
Signal-to-noise ratio vs power supply with weighted filter type A . . . . . . . . . . . . . . . . . . . . 28
Figure 95.
Frequency response gain vs Cin, and Cfeed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 96.
Current consumption vs power supply voltage (no load) . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 97.
Current consumption vs standby voltage @ Vcc = 5 V. . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 98.
Current consumption vs standby voltage @ Vcc = 3.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 99.
Current consumption vs standby voltage @ Vcc = 2.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 100. Current consumption vs standby voltage @ Vcc = 2.2 V . . . . . . . . . . . . . . . . . . . . . . . . . . 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com