Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4890 Datasheet(PDF) 38 Page - STMicroelectronics

Part # TS4890
Description  Rail-to-rail output 1 W audio power amplifier with standby mode active low
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4890 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TS4890 Datasheet HTML 34Page - STMicroelectronics TS4890 Datasheet HTML 35Page - STMicroelectronics TS4890 Datasheet HTML 36Page - STMicroelectronics TS4890 Datasheet HTML 37Page - STMicroelectronics TS4890 Datasheet HTML 38Page - STMicroelectronics TS4890 Datasheet HTML 39Page - STMicroelectronics TS4890 Datasheet HTML 40Page - STMicroelectronics TS4890 Datasheet HTML 41Page - STMicroelectronics TS4890 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
Application information
TS4890
38/46
DocID8396 Rev 7
Application n°2: 20 Hz to 20 kHz bandwidth and 20 dB gain BTL power
amplifier
Application n°3: 50 Hz to 10 kHz bandwidth and 10 dB gain BTL power
amplifier
Table 10. Components 2
Designator
Part type
R1
110 k / 0.125 W
R4
22 k / 0.125 W
R6
Short-circuit
R7
(Vcc-Vf_led)/If_led
R8
10 k/0.125 W
C5
470 nF
C6
100 µF
C7
100 nF
C9
Short-circuit
C10
Short-circuit
C12
1 µF
S1, S2, S6, S7
2 mm insulated plug
10.16 mm pitch
S8
3 connector 2.54 mm
pitch
P1
PCB phono jack
D1
Led 3 mm
U1
TS4890ID or TS4890IS
Table 11. Components 3
Designator
Part type
R1
33 k / 0.125 W
R2
Short-circuit
R4
22 k / 0.125 W
R6
Short-circuit
R7
(Vcc-Vf_led)/If_led
R8
10 k/0.125 W
C2
470 nF
C5
150 nF
C6
100 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com