Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4890 Datasheet(PDF) 33 Page - STMicroelectronics

Part # TS4890
Description  Rail-to-rail output 1 W audio power amplifier with standby mode active low
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4890 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TS4890 Datasheet HTML 29Page - STMicroelectronics TS4890 Datasheet HTML 30Page - STMicroelectronics TS4890 Datasheet HTML 31Page - STMicroelectronics TS4890 Datasheet HTML 32Page - STMicroelectronics TS4890 Datasheet HTML 33Page - STMicroelectronics TS4890 Datasheet HTML 34Page - STMicroelectronics TS4890 Datasheet HTML 35Page - STMicroelectronics TS4890 Datasheet HTML 36Page - STMicroelectronics TS4890 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
DocID8396 Rev 7
33/46
TS4890
Application information
46
For the same power supply voltage, the output power in BTL configuration is four times
higher than the output power in single ended configuration.
5.2
Gain in typical application schematic
In flat region (no effect of Cin), the output voltage of the first stage is:
For the second stage: Vout2 = -Vout1 (V)
The differential output voltage is:
The differential gain named gain (Gv) for more convenient usage is:
Remark: Vout2 is in phase with Vin and Vout1 is 180 phased with Vin. It means that the
positive terminal of the loudspeaker should be connected to Vout2 and the negative to
Vout1.
5.3
Low and high frequency response
In low frequency region, the effect of Cin starts. Cin with Rin forms a high pass filter with a -
3 dB cut-off frequency.
In high frequency region, you can limit the bandwidth by adding a capacitor (Cfeed) in
parallel on Rfeed. Its form a low pass filter with a -3 dB cut-off frequency.
Pout
2Vout
RMS
()
2
R
L
------------------------------------ W
()
=
Vout1
Vin
Rfeed
Rin
-----------------
V
()
=
Vout2
Vout1
2Vin
Rfeed
Rin
----------------- V
()
=
Gv
Vout2
Vout1
Vin
----------------------------------------
2
Rfeed
Rin
-----------------
=
=
F
CL
1
2
πRinCin
--------------------------- Hz
()
=
F
CH
1
2
πRfeedCfeed
------------------------------------------ Hz
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com