Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4890 Datasheet(PDF) 35 Page - STMicroelectronics

Part # TS4890
Description  Rail-to-rail output 1 W audio power amplifier with standby mode active low
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4890 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TS4890 Datasheet HTML 31Page - STMicroelectronics TS4890 Datasheet HTML 32Page - STMicroelectronics TS4890 Datasheet HTML 33Page - STMicroelectronics TS4890 Datasheet HTML 34Page - STMicroelectronics TS4890 Datasheet HTML 35Page - STMicroelectronics TS4890 Datasheet HTML 36Page - STMicroelectronics TS4890 Datasheet HTML 37Page - STMicroelectronics TS4890 Datasheet HTML 38Page - STMicroelectronics TS4890 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
DocID8396 Rev 7
35/46
TS4890
Application information
46
The maximum theoretical value is reached when Vpeak = Vcc, so
5.5
Decoupling of the circuit
Two capacitors are needed to bypass properly the TS4890. A power supply bypass
capacitor Cs and a bias voltage bypass capacitor Cb.
Cs has especially an influence on the THD+N in high frequency (above 7kHz) and indirectly
on the power supply disturbances.
With 100 µF, you can expect similar THD+N performance like shown in the datasheet.
If Cs is lower than 100 µF, in high frequency THD+N increases and disturbances on the
power supply rail are less filtered.
To the contrary, if Cs is higher than 100ìF, those disturbances on the power supply rail are
more filtered.
Cb has an influence on THD+N in lower frequency, but its function is critical on the final
result of PSRR with input grounded in lower frequency.
If Cb is lower than 1 µF, THD+N increases in lower frequency (see THD+N vs frequency
curves) and the PSRR worsens up.
If Cb is higher than 1 µF, the benefit on THD+N in lower frequency is small but the benefit on
PSRR is substantial (see PSRR vs. Cb curves).
Note that Cin has a non-negligible effect on PSRR in lower frequency. Lower is its value,
higher is the PSRR.
5.6
Pop and click performance
In order to have the best performances with the pop and click circuitry, the formula below
must be followed:
with
η
P
OUT
Psupply
-----------------------
πV
PEAK
4Vcc
---------------------
=
=
π
4
---
78.5percentage
=
τ
in
τ
b
τ
in
R
in
R
feed
+
() C
in
×
s
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com