Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC211ICT Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSC211ICT
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC211ICT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSC211ICT Datasheet HTML 8Page - STMicroelectronics TSC211ICT Datasheet HTML 9Page - STMicroelectronics TSC211ICT Datasheet HTML 10Page - STMicroelectronics TSC211ICT Datasheet HTML 11Page - STMicroelectronics TSC211ICT Datasheet HTML 12Page - STMicroelectronics TSC211ICT Datasheet HTML 13Page - STMicroelectronics TSC211ICT Datasheet HTML 14Page - STMicroelectronics TSC211ICT Datasheet HTML 15Page - STMicroelectronics TSC211ICT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
6
Application information
6.1
Overview
TSC21x series are specially designed to accurately measure current by amplifying the voltage across a shunt
resistor connected to its input. This voltage drop Vsense, is then amplified by an instrumentation amplifier
providing a max. input offset voltage of 35 µV (25 °C) for an input common voltage of 12 V for gain higher than
200.
TSC21x series with the use of thin film resistor and zero-drift architecture, offer an extremely precise input offset
voltage, gain error and very high CMRR performance even in high frequency range. Moreover, thanks to the
possibility to fix the output common mode voltage, the TSC21x can be either used as unidirectional or
bidirectional current sensing amplifier.
TSC21x provide an extended input common range from ground, and up to 26 V allowing either low-side or high-
side current sensing, while the TSC21x devices can operate from 2.7 to 26 V.
The parameters are very stable in the full VCC range and several characterization curves show the TSC21x
device characteristics at 5.0 V. Additionally, the main specifications are guaranteed in extended temperature
ranges from - 40 to 125 °C.
6.2
Theory of operation
The main particularity of the TSC21x is the ability to work with input common mode voltage largely beyond the
power supply Vcc range.
•
Vicm > 2.5 V
In this case, the power supply of the TSC21x is issued from the input and not only from the Vcc power supply.
More precisely a current is drawn from the common mode rail as depicted in Figure 28 to power it.
Figure 28. Power supply when Vicm > 2.5 V
OUT
VREF
V
Shunt
resistor
In-
In+
R1
R2
R3
Gnd
R4
-
+
CC
In Figure 29 we can see that the current used to power the TSC21x is increasing with the Vicm voltage. The slope
is representing the internal common mode resistances. Part of it being Vicm / (R4 + R1) and part of it serving to
supply the input stage of the circuit, roughly 20 µA.
So due to the architecture of the TSC21x the current to be measured through the shunt resistor must be much
larger than the input bias current. In case of small current to measure the Iib, current must be taken into account.
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Application information
DS13237 - Rev 7
page 12/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com