Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC211ICT Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSC211ICT
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC211ICT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSC211ICT Datasheet HTML 11Page - STMicroelectronics TSC211ICT Datasheet HTML 12Page - STMicroelectronics TSC211ICT Datasheet HTML 13Page - STMicroelectronics TSC211ICT Datasheet HTML 14Page - STMicroelectronics TSC211ICT Datasheet HTML 15Page - STMicroelectronics TSC211ICT Datasheet HTML 16Page - STMicroelectronics TSC211ICT Datasheet HTML 17Page - STMicroelectronics TSC211ICT Datasheet HTML 18Page - STMicroelectronics TSC211ICT Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
In this configuration the Vref pin is connected to the Vcc power supply. The output common mode voltage is then
automatically set to Vcc voltage when no current flows through the Rshunt resistance. This configuration allows the
full-scale output in unidirectional mode. It allows to measure a current as described in Figure 32
•
Bidirectional operation
Bidirectional mode of operation allows the device to measure currents through a shunt resistor in two directions.
The output reference can be set anywhere within the power supply range. If the output common mode voltage is
set at mid-range, the full-scale current measurement range is equal in both directions. It can be done by
connecting Vref pins to a reference voltage as suggested by Figure 33. In case the current measurement is not
equal in both directions, users can set the output in a non-symmetrical configuration, adjusting Vref according to
user needs.
Figure 33. External supply
OUT
VREF
V
Shunt
resistor
In-
In+
R1
R2
R3
Gnd
R4
-
+
CC
Reference
Voltage
Another simpler way to generate the reference voltage to fix the output common mode voltage can be used. As,
for example, a resistive divider; in this case, as the VREF pin must be connected to a low impedance, it is
important to add a buffer stage between the VREF pin and the resistive divider. The buffer can be simply done with
an opamp as TSB611 in follower configuration.
If for any reason the voltage on the Vref pin exceeds the power supply by 0.5 V, the ESD diodes become
conductive and excessive current can flow through them. Without limitation this overcurrent can damage the
device. In this case, it is important to limit the current to 5 mA.
6.4
RSENSE selection
The selection of the shunt resistor is a trade-off between dynamic range and power dissipation.
Generally, in high current sensing application, the main focus is to reduce as much as possible the power
dissipation (I²R) by choosing the smallest value of shunt. It could be quite easy if full-scale current to measure is
small.
In low current application, the Rsense value could be higher, to minimize the impact of the offset voltage of the
circuit. Still keep in mind that due to input bias of several µA the TSC21x cannot measure current in the same
range, when the common mode voltage overpasses 2.5 V (refer to Section 6.2: Theory of operation).
The trade-off is mainly when a dynamic range of current to measure is large, meaning ability to measure with the
same shunt value low current to high current. Generally, the current full scale (Imax-Imin) defines the shunt value
thanks to the full output voltage range, the gain of the TSC21x.
Let’s illustrate with a simple example. In battery application a current in the range of 1 A to 10 A must be
measured. A TSC213 with a gain of 50 is chosen.
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Application information
DS13237 - Rev 7
page 15/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com