Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC211ICT Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSC211ICT
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC211ICT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSC211ICT Datasheet HTML 17Page - STMicroelectronics TSC211ICT Datasheet HTML 18Page - STMicroelectronics TSC211ICT Datasheet HTML 19Page - STMicroelectronics TSC211ICT Datasheet HTML 20Page - STMicroelectronics TSC211ICT Datasheet HTML 21Page - STMicroelectronics TSC211ICT Datasheet HTML 22Page - STMicroelectronics TSC211ICT Datasheet HTML 23Page - STMicroelectronics TSC211ICT Datasheet HTML 24Page - STMicroelectronics TSC211ICT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Figure 39. Capacitive load response at Vcc = 3.3 V with
260 kHz RC filter
Figure 40. Capacitive load response at Vcc = 3.3 V with
260 kHz RC filter and Rl = 10 kΩ
Special care must be also taken on the value of the added external capacitor. Indeed, if this is chosen with an
excessive value and the serial resistance with a too small value, there is a risk of instability on the output of the
TSC213.
•
Driving large capacitive Cload
Increasing the load capacitance produces gain peaking in the frequency response, with overshoot and
ringing in the step response.
Figure 41 shows the serial resistors that must be added to the output, to make a system stable.
Figure 42 shows that the stability of the TSC213 can be improved when a load of 10k is added on the
output in order to source a small current.
Figure 41. Stability criteria with a serial resistor at
Vcc = 5 V
Figure 42. Stability criteria with a serial resistor and a
Rload = 10 kΩ at Vcc = 5 V
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Application information
DS13237 - Rev 7
page 21/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com