Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC211ICT Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSC211ICT
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC211ICT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSC211ICT Datasheet HTML 9Page - STMicroelectronics TSC211ICT Datasheet HTML 10Page - STMicroelectronics TSC211ICT Datasheet HTML 11Page - STMicroelectronics TSC211ICT Datasheet HTML 12Page - STMicroelectronics TSC211ICT Datasheet HTML 13Page - STMicroelectronics TSC211ICT Datasheet HTML 14Page - STMicroelectronics TSC211ICT Datasheet HTML 15Page - STMicroelectronics TSC211ICT Datasheet HTML 16Page - STMicroelectronics TSC211ICT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Figure 29. Input bias current vs. common mode voltage Vcc = 5 V
0
5
10
15
20
25
30
0
5
10
15
20
25
30
-10
0
10
20
30
40
50
-10
0
10
20
30
40
50
T=25°C
Vcc=5V
Vref=2.5V
Vicm (V)
•
Output common mode range
The TSC21x output common mode voltage level can be set thanks to voltages applied on the Vref pin. This pin
allows to set the device either in bidirectional or in unidirectional operation. The voltage applied on this pin must
not exceed the Vcc range. The different configurations are detailed in the chapter Unidirectionnal/Bidirectionnal
operation.
As depicted by Figure 30 and using a TSC210, the Vref pin can be driven by an external voltage source capable
of sourcing/sinking a current following the below equation 1:
Iref=Vicm−Vref
R1+R4 =Vicm−Vref
5kΩ+1MΩ
(1)
Figure 30. Vref powered by an external voltage source with a TSC210
Gnd
VCC
OUT
VREF
In-
In+
+
-
5kΩ
Shunt
resistor
5kΩ
1MΩ
Gnd
When the output common mode voltage is supplied by an external power supply, in order to improve the output
voltage measurement, it is recommended to measure the Vout differentially with respect to Vref voltage. It provides
a best CMRR measurement, a best noise immunity and also a more accurate Vout voltage. A decoupling
capacitance of 1 nF minimum can be also added in order to better filter the power supply, and can also be used
as a tank capacitance in case an ADC is connected to this reference voltage.
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Application information
DS13237 - Rev 7
page 13/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com