Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KITVALVECNTLEVM Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # KITVALVECNTLEVM
Description  KITVALVECNTLEVM Valve Controller SoC Evaluation Kit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITVALVECNTLEVM Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  KITVALVECNTLEVM Datasheet HTML 1Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 2Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 3Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 4Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 5Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 6Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 7Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 8Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Getting Started
KTVALVECNTLEVMUG Rev. 1.0
4
Freescale Semiconductor, Inc.
2
Getting Started
2.1
Kit Contents/Packing List
The KITVALVECNTLEVM contents include:
• Assembled and tested evaluation module in anti-static bag.
• USB to FTDI cable
• USB Key containing
–
A code example
–
Schematics
–
Gerber files
–
Bill of Materials
–
Graphical User Interface software
–
A training package/user guide
• Warranty card
2.2
Jump Start
Freescale’s analog product development boards help to easily evaluate Freescale products. These tools support analog mixed signal and
power solutions including monolithic ICs using proven high-volume SMARTMOS mixed signal technology, and system-in-package devices
utilizing power, SMARTMOS and MCU dies. Freescale products enable longer battery life, smaller form factor, component count reduction,
ease of design, lower system cost and improved performance in powering state of the art systems.
•Go to www.freescale.com/KITVALVECNTLEVM
• Review your Tool Summary Page
• Look for
• Download documents, software and other information
Once the files are downloaded, review the user guide in the bundle. The user guide includes setup instructions. Jump start bundles are
available on each tool summary page with the most relevant and current information. The information includes everything needed for
design.
2.3
Required Equipment and Software
To use this kit, you need:
• A DC Power Supply with variable voltage (0 to 16 V), 10 A capability
• A 5.0 V DC Power Supply with 200 mA capability
2.4
System Requirements
The kit requires the following to function properly with the software:
• Windows® XP, Windows 7, or Vista in 32- and 64-bit versions
Jump Start Your Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com